Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC283-ADJ Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC283-ADJ
Description  LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC283-ADJ Datasheet(HTML) 2 Page - Texas Instruments

  UCC283-ADJ Datasheet HTML 1Page - Texas Instruments UCC283-ADJ Datasheet HTML 2Page - Texas Instruments UCC283-ADJ Datasheet HTML 3Page - Texas Instruments UCC283-ADJ Datasheet HTML 4Page - Texas Instruments UCC283-ADJ Datasheet HTML 5Page - Texas Instruments UCC283-ADJ Datasheet HTML 6Page - Texas Instruments UCC283-ADJ Datasheet HTML 7Page - Texas Instruments UCC283-ADJ Datasheet HTML 8Page - Texas Instruments UCC283-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS(1)
OUTPUT VOLTAGE (V)
PACKAGE DEVICES
TA
OUTPUT VOLTAGE (V)
TO−263−3(2)
TO−263−5(2)
TO−220−3
TO−220−5
TA
MIN
TYP
MAX
TD
T
3.22
3.3
3.58
UCC283TD−3
UCC283T−3
−40
°C to 85°C
4.875
5.00
5.125
UCC283TD−5
UCC283T−5
−40 C to 85 C
ADJ
UCC283TD−ADJ
UCC283T−ADJ
3.22
3.3
3.58
UCC383TD−3
UCC383T−3
0
°C to 70°C
4.875
5.00
5.125
UCC383TD−5
UCC383T−5
0 C to 70 C
ADJ
UCC383TD−ADJ
UCC383T−ADJ
1. For more package and ordering information, see the Package Option Addendum located at the end of this data sheet.
2. For 50 piece reel, add KTTT (e.g., UCC283TDKTTT−3); for 500 piece reel, add TR (e.g., UCC283TDTR−3).
functional block diagram
VOUT
ADJ*
GND
R1
V
PUMP
UVLO
THERMAL
SHUTDOWN
REVERSE VOLTAGE
SENSE
3% DUTY CYCLE
CURRENT LIMIT TIMER
0.65 V
4 A/ 7 A CURRENT
REFERENCE
VIN
SD/CT*
UCC283−ADJ
UCC283−3
UCC283−5
R2
R1
0
OPEN
82k
50k
150k
50k
*5 LEADED VERSION ONLY (ADJ)
1.25 V
CURRENT LIMIT
R2
+
+
UDG−98133


Similar Part No. - UCC283-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-ADJ TI-UCC283-ADJ Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-ADJ TI-UCC283-ADJ Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-ADJ TI1-UCC283-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com