Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3895 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3895
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3895 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3895 Datasheet HTML 1Page - Texas Instruments UCC3895 Datasheet HTML 2Page - Texas Instruments UCC3895 Datasheet HTML 3Page - Texas Instruments UCC3895 Datasheet HTML 4Page - Texas Instruments UCC3895 Datasheet HTML 5Page - Texas Instruments UCC3895 Datasheet HTML 6Page - Texas Instruments UCC3895 Datasheet HTML 7Page - Texas Instruments UCC3895 Datasheet HTML 8Page - Texas Instruments UCC3895 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
tDELAY = tf(OUTA) - tf(OUTC)
tPERIOD
OUTA
OUTC
tDELAY = tR(OUTB) - tf(OUTA)
OUTA
OUTB
(
)
(
)
(
)
(
)
f OUTC
f OUTA
f OUTC
f OUTB
PERIOD
PERIOD
t
t
t
t
180
or
180
t
t
-
-
F =
´
F =
´
UCC1895, UCC2895, UCC3895
www.ti.com
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS (continued)
VDD = 12 V, RT = 82 kΩ, CT = 220 pF, RDELAB = 10 kΩ, RDELCD = 10 kΩ, CREF = 0.1 μF, CVDD = 0.1 μF and no load on the
outputs, TA = TJ. TA = 0°C to 70°C for UCC3895x, TA = –40°C to +85°C for UCC2895x and TA = –55°C to +125°C for the
UCC1895x. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VOH
High--level output voltage (all
IOUT = –10 mA, VDD to output
250
400
mV
outputs)
VOL
Low-level output voltage (all outputs)
IOUT = 10 mA
150
250
mV
tR
Rise time(4)
CLOAD = 100 pF
20
35
ns
tF
Fall time(4)
CLOAD = 100 pF
20
35
ns
PWM COMPARATOR
EAOUT to RAMP input offset voltage
RAMP = 0 V
0.72
0.85
1.05
V
DELAB = DELCD = REF
Minimum phase shift(5)
RAMP = 0 V
0.0%
0.85%
1.4%
(OUTA to OUTC, OUTB to OUTD)
EAOUT = 650 mV
tDELAY
Delay(6)
0 V < RAMP < 2.5 V, EAOUT = 1.2 V
70
120
ns
(RAMP to OUTC, RAMP to OUTD)
DELAB = DELCD = REF
IR(bias)
RAMP bias current
RAMP < 5 V, CT = 2.2 V
–5
5
µA
IR(sink)
RAMP sink current
RAMP = 5 V, CT = 2.6 V
12
19
mA
(4)
Ensured by design. Not production tested.
(5)
Minimum phase shift is defined as:
where
(a) tf(OUTA) = falling edge of OUTA signal
(b) tf(OUTB) = falling edge of OUTB signal
(c) tf(OUTC) = falling edge of OUTC signal,
(d) tf(OUTD) = falling edge of OUTD signal
(e) tPERIOD = period of OUTA or OUTB signal
(6)
Output delay is measured between OUTA and OUTB, or OUTC and OUTD. Output delay is defined as shown below where: tf(OUTA) =
falling edge of OUTA signal, tr(OUTB) = rising edge of OUTB signal (see Figure 1 and Figure 2).
Figure 2. Same Applies to OUTC and OUTD
Figure 1. Same Applies to OUTB and OUTD
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC1895 UCC2895 UCC3895


Similar Part No. - UCC3895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3895 TI-UCC3895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC3895 TI-UCC3895 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC3895DW TI-UCC3895DW Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC3895DW TI-UCC3895DW Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC3895DWG4 TI-UCC3895DWG4 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results

Similar Description - UCC3895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com