Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3895 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3895
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3895 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3895 Datasheet HTML 4Page - Texas Instruments UCC3895 Datasheet HTML 5Page - Texas Instruments UCC3895 Datasheet HTML 6Page - Texas Instruments UCC3895 Datasheet HTML 7Page - Texas Instruments UCC3895 Datasheet HTML 8Page - Texas Instruments UCC3895 Datasheet HTML 9Page - Texas Instruments UCC3895 Datasheet HTML 10Page - Texas Instruments UCC3895 Datasheet HTML 11Page - Texas Instruments UCC3895 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SYNC
CT
S
R
Q
VREF
CLOCK
CLOCK
0.2 V
2.5 V
REF
RT
IRT
CT
RT
8IRT
+
+
OSC
Q
Q
Q
Q
D
Q
Q
S
R
0.5V
11 V / 9 V
Q
Q
D
Q
D
2 V
2.5 V
REF
4 V
0.5 V
REF
0.5 V / 0.6 V
19
8
7
6
2
20
1
12
5
4
11
16
13
10
14
17
9
18
15
3
SS
CS
EAN
EAP
EAOUT
RAMP
SYNC
CT
RT
GND
REF
ADS
OUTD
PGND
DELCD
OUTC
OUTB
DELAB
OUTA
VDD
DELAY C
DELAY D
DELAY A
DELAY B
Q
HI=ON
IRT
10(IRT)
DISABLE
COMPARATOR
OVER CURRENT
COMPARATOR
ERROR
AMP
CURRENT SENSE
COMPARATOR
PWM
COMPARATOR
S
R
S
R
IRT
8(IRT)
NO LOAD
COMPARATOR
HI=ON
S
R
0.8 V
ADAPTIVE DELAY
SET AMPLIFIER
UVLO COMPARATOR
REFERENCE OK
COMPARATOR
+
+
+
+
+
+
+
+
+
UCC1895, UCC2895, UCC3895
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
www.ti.com
BLOCK DIAGRAM
Figure 3. Oscillator Block Diagram
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UCC1895 UCC2895 UCC3895


Similar Part No. - UCC3895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3895 TI-UCC3895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC3895 TI-UCC3895 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC3895DW TI-UCC3895DW Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC3895DW TI-UCC3895DW Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC3895DWG4 TI-UCC3895DWG4 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results

Similar Description - UCC3895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com