Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1610J883B Datasheet(PDF) 4 Page - Texas Instruments

Part # UC1610J883B
Description  DUAL SCHOTTKY DIODE BRIDGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1610J883B Datasheet(HTML) 4 Page - Texas Instruments

  UC1610J883B Datasheet HTML 1Page - Texas Instruments UC1610J883B Datasheet HTML 2Page - Texas Instruments UC1610J883B Datasheet HTML 3Page - Texas Instruments UC1610J883B Datasheet HTML 4Page - Texas Instruments UC1610J883B Datasheet HTML 5Page - Texas Instruments UC1610J883B Datasheet HTML 6Page - Texas Instruments UC1610J883B Datasheet HTML 7Page - Texas Instruments UC1610J883B Datasheet HTML 8Page - Texas Instruments UC1610J883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC1610J
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
UC1610J883B
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
UC2610N
ACTIVE
PDIP
P
8
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC2610NG4
ACTIVE
PDIP
P
8
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC3610DW
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3610DWG4
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3610DWTR
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3610DWTRG4
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3610N
ACTIVE
PDIP
P
8
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC3610NG4
ACTIVE
PDIP
P
8
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC3610Q
OBSOLETE
PLCC
FN
20
TBD
Call TI
Call TI
UC3610QTR
OBSOLETE
PLCC
FN
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


Similar Part No. - UC1610J883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1610 TI-UC1610 Datasheet
162Kb / 3P
[Old version datasheet]   Dual Schottky Diode Bridge
More results

Similar Description - UC1610J883B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210_08 Datasheet
146Kb / 8P
   Dual Schottky diode bridge
L6210 STMICROELECTRONICS-L6210 Datasheet
99Kb / 5P
   DUAL SCHOTTKY DIODE BRIDGE
logo
Texas Instruments
UC1610 TI-UC1610 Datasheet
162Kb / 3P
[Old version datasheet]   Dual Schottky Diode Bridge
UC3612 TI-UC3612 Datasheet
84Kb / 3P
[Old version datasheet]   Dual Schottky Diode
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
   DUAL SCHOTTKY DIODE
logo
ON Semiconductor
1SS383T1G ONSEMI-1SS383T1G Datasheet
43Kb / 2P
   Dual Schottky Diode
March, 2006 ??Rev. 2
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
logo
Thinki Semiconductor Co...
MBRF20100CTR THINKISEMI-MBRF20100CTR Datasheet
317Kb / 2P
   20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
SDB20100PR THINKISEMI-SDB20100PR Datasheet
427Kb / 2P
   20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
logo
Guangdong Kexin Industr...
BAT14-099 KEXIN-BAT14-099 Datasheet
36Kb / 1P
   Silicon Dual Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com