Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28500N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28500N
Description  BiCMOS PFC/PWM COMBINATION CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28500N Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28500N Datasheet HTML 5Page - Texas Instruments UCC28500N Datasheet HTML 6Page - Texas Instruments UCC28500N Datasheet HTML 7Page - Texas Instruments UCC28500N Datasheet HTML 8Page - Texas Instruments UCC28500N Datasheet HTML 9Page - Texas Instruments UCC28500N Datasheet HTML 10Page - Texas Instruments UCC28500N Datasheet HTML 11Page - Texas Instruments UCC28500N Datasheet HTML 12Page - Texas Instruments UCC28500N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
UCC28500, UCC28501, UCC28502, UCC28503
UCC38500, UCC38501, UCC38502, UCC38503
SLUS419C − AUGUST 1999 − REVISED NOVEMBER 2001
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1
MULTIPLIER OUTPUT CURRENT
vs.
VOLTAGE ERROR AMPLIFIER OUTPUT
50
200
250
350
0
100
300
150
IAC = 150
µ A
IAC = 300
µ A
IAC = 500
µ A
VAOUT − Voltage Error Amplifier Output − V
0
1
23
45
Figure 2
MULTIPLIER GAIN
vs.
VOLTAGE ERROR AMPLIFIER OUTPUT
0.7
1.1
1.3
1.5
0.5
0.9
IAC = 300
µ A
IAC = 500
µ A
IAC = 150
µ A
VAOUT − Voltage Error Amplifier Output − V
12
3
4
5
Figure 3
VFF − Feedforward Voltage − V
100
300
400
500
0
200
VAOUT = 3 V
VAOUT = 2 V
VAOUT = 4 V
VAOUT = 5 V
MULTIPLIER CONSTANT POWER PERFORMANCE
0
123
4
5
Figure 4
10
12
14
16
20
10
14
15
17
8
12
18
9
11
13
16
RECOMMENDED MINIMUM GATE RESISTANCE
vs.
SUPPLY VOLTAGE
VCC − Supply Voltage − V


Similar Part No. - UCC28500N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500N TI-UCC28500N Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28500N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com