Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28501DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28501DW
Description  BiCMOS PFC/PWM COMBINATION CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28501DW Datasheet(HTML) 1 Page - Texas Instruments

  UCC28501DW Datasheet HTML 1Page - Texas Instruments UCC28501DW Datasheet HTML 2Page - Texas Instruments UCC28501DW Datasheet HTML 3Page - Texas Instruments UCC28501DW Datasheet HTML 4Page - Texas Instruments UCC28501DW Datasheet HTML 5Page - Texas Instruments UCC28501DW Datasheet HTML 6Page - Texas Instruments UCC28501DW Datasheet HTML 7Page - Texas Instruments UCC28501DW Datasheet HTML 8Page - Texas Instruments UCC28501DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
UCC28500, UCC28501, UCC28502, UCC28503
UCC38500, UCC38501, UCC38502, UCC38503
SLUS419C − AUGUST 1999 − REVISED NOVEMBER 2001
BiCMOS PFC/PWM
COMBINATION CONTROLLER
1
www.ti.com
FEATURES
D Combines PFC and Downstream Converter
Controls
D Controls Boost Preregulator to Near-Unity
Power Factor
D Accurate Power Limiting
D Improved Feedforward Line Regulation
D Peak Current-Mode Control in Second Stage
D Programmable Oscillator
D Leading-Edge/Trailing-Edge Modulation for
Reduced Output Ripple
D Low Start-up Supply Current
D Synchronized Second Stage Start-Up, with
Programmable Soft-start
D Programmable Second Stage Shutdown
DESCRIPTION
The UCC2850x family provides all of the control
functions necessary for an active power-factor-
corrected preregulator and a second-stage dc-to- dc
converter. The controller achieves near-unity power
factor by shaping the ac input line current waveform to
correspond to the ac input-line voltage using average
current-mode control. The dc-to-dc converter uses
peak current-mode control to perform the step-down
power conversion.
The PFC stage is leading-edge modulated while the
second stage is trailing-edge synchronized to allow for
minimum overlap between the boost and PWM
switches. This reduces ripple current in the bulk-output
capacitor.In order to operate with over three-to-one
range of input-line voltages, a line feedforward (VFF) is
used to keep input power constant with varying input
voltage. Generation of VFF is accomplished using IAC in
conjunction with an external single-pole filter. This not
only reduces external parts count, but also avoids the
use of high-voltage components, offering a lower-cost
solution. The multiplier then divides the line current by
the square of VFF.
The UCC2850x PFC section incorporates a low
offset-voltage
amplifier
with
7.5-V
reference,
a
highly-linear multiplier capable of a wide current range,
a high-bandwidth, low offset-current amplifier, with a
novel
noise-attenuation
configuration,
PWM
comparator and latch, and a high-current output driver.
Additional
PFC
features
include
over-voltage
protection, zero-power detection to turn off the output
when VAOUT is below 0.33 V and peak current and
power limiting.
The dc-to-dc section relies on an error signal generated
on the secondary-side and processes it by performing
peak current mode control. The dc-to-dc section also
features current limiting, a controlled soft-start, preset
operating range with selectable options, and 50%
maximum duty cycle.
The UCC28500 and UCC28502 have a wide UVLO
threshold (16.5 V/10 V) for bootstrap bias supply
operation.
The
UCC28501
and
UCC28503
are
designed with a narrow UVLO range (10.5 V/10 V) more
suitable for fixed bias operation. The UCC28500 and
UCC28501 have a narrow UVLO threshold for PWM
stage (to allow operation down to 75% of nominal bulk
voltage), while the UCC28502 and UCC38503 are
configured for a much wider operation range for the
PWM stage (down to 50% of bulk nominal voltage).
Available in 20-pin N and DW packages.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated


Similar Part No. - UCC28501DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28501DW TI-UCC28501DW Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28501DWTR TI-UCC28501DWTR Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28501DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com