Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27322DGNG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC27322DGNG4
Description  SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27322DGNG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC27322DGNG4 Datasheet HTML 7Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 8Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 9Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 10Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 11Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 12Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 13Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 14Page - Texas Instruments UCC27322DGNG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
UCC27321 , UCC27322
UCC37321, UCC37322
www.ti.com
SLUS504G – SEPTEMBER 2002 – REVISED MAY 2013
THERMAL INFORMATION
The useful range of a driver is greatly affected by the drive power requirements of the load and the thermal
characteristics of the device package. In order for a power driver to be useful over a particular temperature range
the package must allow for the efficient removal of the heat produced while keeping the junction temperature
within rated limits. The UCC37321/2 family of drivers is available in three different packages to cover a range of
application requirements.
As shown in the power dissipation rating table, the SOIC-8 (D) and PDIP-8 (P) packages each have a power
rating of around 0.5 W with TA = 70°C. This limit is imposed in conjunction with the power derating factor also
given in the table. Note that the power dissipation in our earlier example is 0.432W with a 10-nF load, 12 VDD,
switched at 300 kHz. Thus, only one load of this size could be driven using the D or P package. The difficulties
with heat removal limit the drive available in the D or P packages.
The MSOP PowerPAD-8 (DGN) package significantly relieves this concern by offering an effective means of
removing the heat from the semiconductor junction. As illustrated in Reference 3, the PowerPAD packages offer
a leadframe die pad that is exposed at the base of the package. This pad is soldered to the copper on the PC
board directly underneath the device package, reducing the
θjc down to 4.7°C/W. Data is presented in Reference
3 to show that the power dissipation can be quadrupled in the PowerPAD configuration when compared to the
standard packages. The PC board must be designed with thermal lands and thermal vias to complete the heat
removal subsystem, as summarized in Reference 4. This allows a significant improvement in heatsinking over
that available in theDor P packages, and is shown to more than double the power capability of the D and P
packages.
Note that the PowerPAD™ is not directly connected to any leads of the package. However, it is electrically and
thermally connected to the substrate which is the ground of the device.
References.
1. SEM-1400, Topic 2, A Design and Application Guide for High Speed Power MOSFET Gate Drive Circuits, TI
Literature No. SLUP133
2. U-137, Practical Considerations in High PerformanceMOSFET, IGBT andMCTGateDrive Circuits, by Bill
Andreycak, TI Literature No. SLUA105
3. Technical Brief, PowerPad Thermally Enhanced Package, TI Literature No. SLMA002
4. Application Brief, PowerPAD Made Easy, TI Literature No. SLMA004
Related Products
PRODUCT
DESCRIPTION
PACKAGES
UCC37323/4/5
Dual 4-A Low-Side Drivers
MSOP–8 PowerPAD, SOIC–8, PDIP–8
UCC27423/4/5
Dual 4-A Low-Side Drivers with Enable
MSOP–8 PowerPAD, SOIC–8, PDIP–8
TPS2811/12/13
Dual 2-A Low-Side Drivers with Internal Regulator
TSSOP–8, SOIC–8, PDIP–8
TPS2814/15
Dual 2-A Low-Side Drivers with Two Inputs per Channel
TSSOP–8, SOIC–8, PDIP–8
TPS2816/17/18/19
Single 2-A Low-Side Driver with Internal Regulator
5-Pin SOT–23
TPS2828/29
Single 2-A Low-Side Driver
5-Pin SOT–23
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC27321 UCC27322 UCC37321 UCC37322


Similar Part No. - UCC27322DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322DGNG4 TI-UCC27322DGNG4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322DGNG4 TI1-UCC27322DGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
More results

Similar Description - UCC27322DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com