Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3889NG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3889NG4
Description  Off-line Power Supply Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3889NG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3889NG4 Datasheet HTML 1Page - Texas Instruments UCC3889NG4 Datasheet HTML 2Page - Texas Instruments UCC3889NG4 Datasheet HTML 3Page - Texas Instruments UCC3889NG4 Datasheet HTML 4Page - Texas Instruments UCC3889NG4 Datasheet HTML 5Page - Texas Instruments UCC3889NG4 Datasheet HTML 6Page - Texas Instruments UCC3889NG4 Datasheet HTML 7Page - Texas Instruments UCC3889NG4 Datasheet HTML 8Page - Texas Instruments UCC3889NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UCC1889
UCC2889
UCC3889
OPERATION (cont.)
At the end of the on time, Q1 is turned off and the RON
current into TON is again diverted to VCC. Thus the cur-
rent through RON, which charges CT during the on time,
contributes to supplying control power during the off time.
The power switch off time is controlled by the discharge
of CT which, in turn, is programmed by the regulated out-
put voltage. The relationship between CT discharge cur-
rent, IDCHG, and output voltage is illustrated as follows:
1. When VOUT = 0, the off time is infinite. This feature
provides inherent short circuit protection. However, to
ensure output voltage startup when the output is not a
short, a high value resistor, RS, is placed in parallel
with CT to establish a minimum switching frequency.
2. As VOUT rises above approximately 0.7V to its regu-
lated value, IDCHG is defined by ROFF, and therefore is
equal to:
IDCHG = (VOUT - 0.7V) / ROFF
As VOUT increases, IDCHG increases resulting in the
reduction of off time. The frequency of operation in-
creases and VOUT rises quickly to its regulated value.
3. In this region, a transconductance amplifier reduces
IDCHG in order to maintain VOUT in regulation.
4. If VOUT should rise above its regulation range, IDCHG
falls to zero and the circuit returns to the minimum fre-
quency established by RS and CT.
The range of switching frequencies is established by
RON, ROFF, RS, and CT as follows:
Frequency = 1/(TON + TOFF)
TON = RON
• CT • 4.6 V/(VIN - 4.5V)
TOFF (max) = 1.4
• RS • CT
Regions 1 and 4
TOFF = ROFF
• CT • 3.7V /(VOUT - 0.7V)
Region 2, excluding the effects of RS
which have a minimal impact on TOFF.
The above equations assume that VCC equals 9V. The
voltage at TON increases from approximately 2.5V to
6.5V while CT is charging. To take this into account, VIN
is adjusted by 4.5V in the calculation of TON. The voltage
at TOFF is approximately 0.7V.
DESIGN EXAMPLE
The UCC3889 regulates a 12 volt, 1 Watt nonisolated DC output from AC inputs between 80 and 265 volts. In this ex-
ample, the IC is programmed to deliver a maximum on time gate drive pulse width of 2.4 microseconds which occurs
at 80 VAC. The corresponding switching frequency is approximately 100kHz at low line, and overall efficiency is ap-
proximately 50%. Additional design information is available in Unitrode Application Note U-149.
UDG-93062-3
2


Similar Part No. - UCC3889NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3889 TI-UCC3889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
UCC3889 TI1-UCC3889 Datasheet
1Mb / 15P
[Old version datasheet]   Transformerless Off-line
More results

Similar Description - UCC3889NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
logo
Shenzhen Xinmao Microel...
LP3773 LANDP-LP3773 Datasheet
665Kb / 9P
   Low-Power off-line / PSR controller
logo
Linkage Goston Electron...
DK124 LINKAGE-DK124 Datasheet
4Mb / 7P
   24 W off-line switch power supply
LNK315D LINKAGE-LNK315D Datasheet
4Mb / 7P
   24 W off-line switch power supply
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com