Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3051 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3051
Description  The SP3051 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3051 Datasheet(HTML) 4 Page - Littelfuse

  SP3051 Datasheet HTML 1Page - Littelfuse SP3051 Datasheet HTML 2Page - Littelfuse SP3051 Datasheet HTML 3Page - Littelfuse SP3051 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4
TVS Diode Arrays (SPA®Diodes)
Revision: May 1, 2013
SP3051 Series
Lightning Surge Protection - SP3051 Series
Embossed Carrier Tape & Reel Specification — SOT23-6
8mm TAPE AND REEL
GENERAL INFORMATION
1. 3000 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.
2.0mm
4.0mm
CL
1.75mm
1.5mm
DIA. HOLE
8mm
4.0mm
8.4mm
180mm
14.4mm
13mm
60mm
ACCESS HOLE
COVER TAPE
USER DIRECTION OF FEED
PIN 1
SOT-23 (8mm POCKET PITCH)
Package Dimensions — SOT23-6
Package
SOT23
Pins
6
JEDEC
MO-178AB
Millimeters
Inches
Notes
Min
Max
Min
Max
A
0.900
1.450
0.035
0.057
-
A1
0.000
0.150
0.000
0.006
-
A2
0.900
1.300
0.035
0.051
-
b
0.350
0.500
0.0138
0.0196
-
C
0.080
0.220
0.0031
0.009
-
D
2.800
3.000
0.11
0.118
3
E
2.600
3.000
0.102
0.118
-
E1
1.500
1.750
0.06
0.069
3
e
0.95 Ref
0.0374 ref
-
e1
1.9 Ref
0.0748 Ref
-
L
0.30
0.600
0.012
0.023
4,5
N
6
6
6
a
-
M
2.590
0.102
-
O
0.690
.027 TYP
-
P
0.990
.039 TYP
-
O
P
R
M
Recommended Solder Pad Layout
Notes:
1. Dimensioning and tolerancing Per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC-74 (1992).
3. Dimensions D and E1 are exclusive of mold flash, protrusions, or gate burrs.
4. Foot length L measured at reference to seating plane.
5. “L” is the length of flat foot surface for soldering to substrate.
6. “N” is the number of terminal positions.
7. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.


Similar Part No. - SP3051

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SP3051-04HTG LEIDITECH-SP3051-04HTG Datasheet
1Mb / 8P
   LOW CAPACITA NCE TVS DIODE ARRAY
Rev : 01.06.2018
More results

Similar Description - SP3051

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SRV05 LITTELFUSE-SRV05 Datasheet
1Mb / 4P
   The SRV05 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.
SP4050 LITTELFUSE-SP4050 Datasheet
2Mb / 6P
   The SP4050 integrates low capacitance diodes with an additional zener diode to protect each I/O pin against ESD
SP2504N LITTELFUSE-SP2504N Datasheet
1Mb / 4P
   The SP2504N integrates 4 channels of low capacitance diodes with an additional zener diode to protect sensitive I/O pins against lightning induced surge events and ESD.
SP3304N LITTELFUSE-SP3304N Datasheet
1Mb / 4P
   The SP3304N integrates 4 channels of low capacitance diodes with an additional zener diode to protect sensitive I/O pins against lightning induced surge events and ESD.
SP0544T LITTELFUSE-SP0544T Datasheet
2Mb / 4P
   The SP0544T integrates 4 channels of ultra low capacitance rail-to-rail diodes and an additional zener diode to provide
SP3031 LITTELFUSE-SP3031 Datasheet
1Mb / 4P
   The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SP3014 LITTELFUSE-SP3014 Datasheet
1Mb / 4P
   The SP3014 series integrates two channels of low capacitance steering diodes and an additional zener diode
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
   Rail-to-Rail I/O
logo
NXP Semiconductors
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
   Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
logo
SeCoS Halbleitertechnol...
KS05B4 SECOS-KS05B4 Datasheet
657Kb / 2P
   Ulta Low Capacitance double rail-to-rail ESD protection diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com