Electronic Components Datasheet Search |
|
UCC27322P Datasheet(PDF) 1 Page - Texas Instruments |
|
|
UCC27322P Datasheet(HTML) 1 Page - Texas Instruments |
1 / 31 page UDG-- 01112 1 OUT VDD IN 3 ENBL 7 VDD 8 INVERTING NON-- INVERTING PGND 6 OU T 5 4 AGND VDD 2 INVERTING UCC37321 0 0 0 0 1 0 0 1 1 1 1 0 NON-- INVERTING UCC37322 0 0 0 0 1 0 0 0 1 1 1 1 ENBL IN OUT INPUT/OUTPUT TABLE RENBL 100 kΩ UCC27321 , UCC27322 UCC37321, UCC37322 www.ti.com SLUS504G – SEPTEMBER 2002 – REVISED MAY 2013 SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE Check for Samples: UCC27321 , UCC27322, UCC37321, UCC37322 1 FEATURES APPLICATIONS 2 • Industry-Standard Pin-Out With Addition of • Switch Mode Power Supplies Enable Funtion • DC/DC Converters • High-Peak Current Drive Capability of ±9 A at • Motor Controllers the Miller Plateau Region Using TrueDrive • Class-D Switching Amplifiers • Efficient Constant Current Sourcing Using a • Line Drivers Unique BiPolar & CMOS Output Stage • Pulse Transformer Driver • TTL/CMOS Compatible Inputs Independent of Supply Voltage DESCRIPTION • 20-ns Typical Rise and Fall Times with 10-nF The UCC37321/2 family of high-speed drivers deliver Load 9 A of peak drive current in an industry standard pinout. These drivers can drive the largest of • Typical Propagation Delay Times of 25 ns MOSFETs for systems requiring extreme Miller With Input Falling and 35 ns with Input current due to high dV/dt transitions. This eliminates Rising additional external circuits and can replace multiple • 4-V to 15-V Supply Voltage components to reduce space, design complexity and • Available in Thermally Enhanced MSOP assembly cost. Two standard logic options are PowerPAD™ Package With 4.7°C/W θjc offered, inverting (UCC37321) and noninverting (UCC37322). • Rated From –40°C to 105°C • Pb-Free Finish (NiPdAu) on SOIC-8 and PDIP-8 Packages 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 PowerPAD is a trademark of Texas Instruments, Incorporated. PRODUCTION DATA information is current as of publication date. Copyright © 2002–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - UCC27322P |
|
Similar Description - UCC27322P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |