Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC383TDTR-3G3 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC383TDTR-3G3
Description  LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC383TDTR-3G3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC383TDTR-3G3 Datasheet HTML 3Page - Texas Instruments UCC383TDTR-3G3 Datasheet HTML 4Page - Texas Instruments UCC383TDTR-3G3 Datasheet HTML 5Page - Texas Instruments UCC383TDTR-3G3 Datasheet HTML 6Page - Texas Instruments UCC383TDTR-3G3 Datasheet HTML 7Page - Texas Instruments UCC383TDTR-3G3 Datasheet HTML 8Page - Texas Instruments UCC383TDTR-3G3 Datasheet HTML 9Page - Texas Instruments UCC383TDTR-3G3 Datasheet HTML 10Page - Texas Instruments UCC383TDTR-3G3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
dropout performance
Referring to the Block Diagram, the dropout voltage of the UCC383 is equal to the minimum voltage drop (VIN
to VOUT) across the N-channel MOSFET. The dropout voltage is dependent on operating conditions such as
load current, input and load voltages, as well as temperature. The UCC383 achieves a low Rds(on) through the
use of an internal charge-pump (VPUMP) that drives the MOSFET gate. Figure 2 depicts typical dropout voltages
versus load current for the 3.3-V and 5-V versions of the part, as well as the adjustable version programmed
to 3.0 V.
Figure 3 depicts the typical dropout performance of the adjustable version with various output voltages and load
currents.
Operating temperatures also affect the Rds(on) and dropout voltage of the UCC383. Figure 4 graphs the typical
dropout for the 3.3-V and 5-V versions with a 3-A load over temperature.
Figure 2
0
0.1
0.2
0.3
0.4
0.5
1
1.5
2
2.5
3
IOUT (A)
TYPICAL DROPOUT VOLTAGE
vs.
LOAD CURRENT
VOUT = 3.3 V
VOUT = 5 V
VOUT = 3 V
Figure 3
TYPICAL DROPOUT VOLTAGE
vs.
IOUT AND VOUT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
3
3.5
4
4.5
5
IOUT= 3 A
IOUT= 1.5 A
IOUT= 1 A
VOUT (V)


Similar Part No. - UCC383TDTR-3G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC383TDTR-3G3 TI1-UCC383TDTR-3G3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC383TDTR-3G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com