Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EG1B-Z10DD Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EG1B-Z10DD
Description  New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EG1B-Z10DD Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EG1B-Z10DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG1B-Z10DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG1B-Z10DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG1B-Z10DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG1B-Z10DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG1B-Z10DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG1B-Z10DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG1B-Z10DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG1B-Z10DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
HLMP-EGxx, HLMP-EHxx, HLMP-ELxx
New T-1¾ (5mm) Extra High Brightness AlInGaP LED Lamps
Data Sheet
Features
x Viewing angle: 15°, 23°, 30°
x High luminous output
x Colors:
590nm Amber
615nm Red Orange
626nm Red
x Package options:
With or without lead standoff
x Superior resistance to moisture
x Untinted for 15°, 23° and 30° lamps
Applications
x Traffic management:
-
Traffic signals
-
Pedestrian signals
-
Work zone warning lights
-
Variable message signs
x Solar Power signs
x Commercial outdoor advertising
-
Signs
-
Marquees
Description
These Precision Optical Performance AlInGaP LEDs
provide superior light output for excellent readability in
sunlight and are extremely reliable. AlInGaP LED tech-
nology provides extremely stable light output over long
periods of time. Precision Optical Performance lamps
utilize the aluminum indium gallium phosphide (AlInGaP)
technology.
These LED lamps are untinted, T-1¾ packages incorpo-
rating second generation optics producing well defined
spatial radiation patterns at specific viewing cone angles.
These lamps are made with an advanced optical grade
epoxy offering superior high temperature and high
moisture resistance performance in outdoor signal and
sign application. The maximum LED junction tempera-
ture limit of +130°C enables high temperature operation
in bright sunlight conditions. The epoxy contains both
uv-a and uv-b inhibitors to reduce the effects of long
term exposure to direct sunlight.
Benefits
x Superior performance for outdoor environments
x Suitable for auto-insertion onto PC board


Similar Part No. - HLMP-EG1B-Z10DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EG1B-Z10DD BOARDCOM-HLMP-EG1B-Z10DD Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
More results

Similar Description - HLMP-EG1B-Z10DD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
HLMP-EL13-VY0DD AVAGO-HLMP-EL13-VY0DD Datasheet
511Kb / 11P
   HLMP-EGxx, HLMP-ELxx and HLMP-EHxx T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Fairchild Semiconductor
MV8140 FAIRCHILD-MV8140 Datasheet
243Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
MV8102 FAIRCHILD-MV8102 Datasheet
232Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com