Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC37322PE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC37322PE4
Description  SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC37322PE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC37322PE4 Datasheet HTML 6Page - Texas Instruments UCC37322PE4 Datasheet HTML 7Page - Texas Instruments UCC37322PE4 Datasheet HTML 8Page - Texas Instruments UCC37322PE4 Datasheet HTML 9Page - Texas Instruments UCC37322PE4 Datasheet HTML 10Page - Texas Instruments UCC37322PE4 Datasheet HTML 11Page - Texas Instruments UCC37322PE4 Datasheet HTML 12Page - Texas Instruments UCC37322PE4 Datasheet HTML 13Page - Texas Instruments UCC37322PE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
UCC27321 , UCC27322
UCC37321, UCC37322
SLUS504G – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
The switching load presented by a power MOSFETcan be converted to an equivalent capacitance by examining
the gate charge required to switch the device. This gate charge includes the effects of the input capacitance plus
the added charge needed to swing the drain of the device between the ON and OFF states. Most manufacturers
provide specifications that provide the typical and maximum gate charge, in nC, to switch the device under
specified conditions. Using the gate charge Qg, one can determine the power that must be dissipated when
charging a capacitor. This is done by using the equivalence Qg = CeffV to provide the following equation for
power:
P = C × V2 × f = Qg × V × f
This equation allows a power designer to calculate the bias power required to drive a specific MOSFET gate at a
specific bias voltage.
Enable
UCC37321/2 provides an Enable input for improved control of the driver operation. This input also incorporates
logic compatible thresholds with hysteresis. It is internally pulled up to VDD with 100-k
Ω resistor for active high
operation. When ENBL is high, the device is enabled and when ENBL is low, the device is disabled. The default
state of the ENBL pin is to enable the device and therefore can be left open for standard operation. The output
state when the device is disabled is low regardless of the input state. See the truth table below for the operation
using enable logic.
ENBL input is compatible with both logic signals and slow changing analog signals. It can be directly driven or a
power-up delay can be programmed with a capacitor between ENBL and AGND.
Table 1. Input/Output Table
ENBL
IN
OUT
0
0
0
0
1
0
INVERTING
UCC37321
1
0
1
1
1
0
0
0
0
NON--
0
1
0
INVERTING
1
0
0
UCC37322
1
1
1
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: UCC27321 UCC27322 UCC37321 UCC37322


Similar Part No. - UCC37322PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37322PE4 TI-UCC37322PE4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC37322PE4 TI1-UCC37322PE4 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
More results

Similar Description - UCC37322PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com