Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

01520003U Datasheet(PDF) 1 Page - Littelfuse

Part # 01520003U
Description  SPLASH RESISTANT FUSE HOLDER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

01520003U Datasheet(HTML) 1 Page - Littelfuse

  01520003U Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
130
Fuse Holders
Dimensions
Dimensions in mm
SPLASH RESISTANT FUSE HOLDER
for MAXIStyle Blade Fuse
Description
The In-Line Splash Resistant Fuse Holder provides an efficient,
simple installation method for MAXI / FK3-style fuse applications
in harsh under-the-hood environments
* PA66-GF30: heat resistant, hitzefest
UL 94-V0:
self extinguishing, selbstlöschend
Ordering Information
Part Number
Package Size
01520003TXN
10
279.6800.xxx1
10
279.6800.xxx2
100
01520003U
500
Ratings
Part Number
Description
Fuse
Rating
01520003TXN941
Assortment: Fuse Holder 01520003
with terminals, seals and cover for
4-6mm² - 10 pcs.
60 A
01520003TXN942
Assortment: Fuse Holder 01520003
with terminals, seals and cover for
6-10mm² - 10 pcs.
60 A
279.6850.0402
Assortment: Fuse Holder 279.6800.000
with terminals, seals and cover for
4mm² - 10 pcs.
80 A
279.6850.0602
Assortment: Fuse Holder 279.6800.000
with terminals, seals and cover for
6-10mm² - 10 pcs.
80 A
279.6850.1602
Assortment: Fuse Holder
279.6800.000 with terminals, seals and
cover for 16mm² - 10 pcs.
80 A
Ratings
Part Number
Description
Fuse
Rating
279.6800.000_
Fuse Holder UL 94-V0 *
80 A
01520003_
Fuse Holder PA66-GF30*
01520903_
Cover
0913726001
Loose terminals for wire Ø 2.5 -
4 mm² - 300 pcs
09130726TXN
Loose terminals for wire Ø 2.5 -
4 mm² - 10 pcs
0913727001
Loose terminals for wire Ø 4 - 6
mm² - 300 pcs
09130727TXN
Loose terminals for wire Ø 4 - 6
mm² - 10 pcs
Ratings
Part Number
Description
Fuse
Rating
0913728001
Loose terminals for wire Ø 6 - 10
mm² - 300 pcs
09130728TXN
Loose terminals for wire Ø 6 - 10
mm² - 10 pcs
868-905
Wire seals for wire Ø 2.5 - 6
mm², bulk - 1000 pcs
08680905TXN
Wire seals for wire Ø 2.5 - 6 mm²
- 10 pcs
868-906
Wire seals for wire Ø 6 - 10 mm²,
bulk - 1000 pcs
08680906TXN
Wire seals for wire Ø 6 - 10 mm²
- 10 pcs
SPLASH RESISTANT MAXI™ COMPONENTS


Similar Part No. - 01520003U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
01520003U LITTELFUSE-01520003U Datasheet
517Kb / 1P
   SPLASH RESISTANT FUSE HOLDER
01520003U LITTELFUSE-01520003U Datasheet
276Kb / 1P
   MAXI STYLE SPLASH RESISTANT FUSE HOLDER
Rev: 062519
01520003U LITTELFUSE-01520003U_V01 Datasheet
276Kb / 1P
   MAXI STYLE SPLASH RESISTANT FUSE HOLDER
Rev: 062519
More results

Similar Description - 01520003U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
868-905 LITTELFUSE-868-905 Datasheet
517Kb / 1P
   SPLASH RESISTANT FUSE HOLDER
01520003U LITTELFUSE-01520003U_V01 Datasheet
276Kb / 1P
   MAXI STYLE SPLASH RESISTANT FUSE HOLDER
Rev: 062519
logo
List of Unclassifed Man...
C6053ALXXXB ETC2-C6053ALXXXB Datasheet
309Kb / 2P
   6050 DP Splash Resistant Switches - Twins
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
   Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
   Fuse Holder
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
   Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
   Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
   Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
   FUSE HOLDER
9.22.08
logo
Eaton All Rights Reserv...
BSCR EATON-BSCR Datasheet
262Kb / 1P
   Fuse holder
January 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com