Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLSR-ID Datasheet(PDF) 1 Page - Littelfuse

Part # FLSR-ID
Description  Class RK5 ??F LNR_ID ??F LS R_ID SERIES INDICATOR FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FLSR-ID Datasheet(HTML) 1 Page - Littelfuse

  FLSR-ID Datasheet HTML 1Page - Littelfuse FLSR-ID Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWR-GARD® Fuse Datasheet
© 2013 Littelfuse POWR-GARD® Products
Lttelfuse.com
Rev: 041113
1 of 2
Class RK5 – FlNR_ID • FlsR_ID sERIEs INDICatoR® FUsEs
250/600 VAC • Dual Element • Time Delay • 1/10-600 A
Description
Available in both Indicating and Non-Indicating versions,
the FLNR/FLSR series of fuses set the standard for general
purpose fuses. The dual-element design provides advanced
short circuit and overload protection. FLSR series fuses
provide excellent protection for all types of circuits especially
those containing motors.
Applications
• Service entrance switches
• Switchboard mains and feeders
• Motor control central mains and motor branch circuits
• All general purpose circuits
Features/Benefits
• Indication
• Dual-element design
• Available without indication
• Current limiting
Specifications
Voltage Ratings
AC: 250 V (FLNR_ID); 600 V (FLSR_ID)
DC: 125 V (FLNR 1/10 – 30 A);
125 V (FLNR_ID 35 – 600 A);
300 V (FLSR_ID)
Interrupting Ratings
AC: 200 kA rms symmetrical
300 kA rms symmetrical
(Littelfuse self-certified)
DC: 20 kA
Ampere Range
1
/10 – 600 A
Approvals
Standard 248-12, Class RK5
UL Listed (File: E81895)
CSA Certified (File: LR29862)
Federal Specification WF-1814
(QPL- W-F-1814)
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: Littelfuse.com/flsr
Littelfuse.com/flnr
ampERE RatINgs
1
/10
6
/10
1 8/10
4
8
30
80
225
1
/8*
8
/10
2
4 1/2
9
35
90
250
15
/100
1
2 1/4
5
10
40
100
300
2
/10
1 1/8
2 1/2
5 6/10
12
45
110
350
1
/4
1 1/4
2 8/10
6
15
50
125
400
3
/10
1 4/10
3
6 1/4
17 1/2
60
150
450
4
/10
1 1/2
3 2/10
7
20
70
175
500
1
/2
1 6/10
3 1/2
7 1/2
25
75**
200
600
*FLNR only. †FLNR, FLSR, FLSR_ID only. **FLNR, FLSR, FLSR_ID only
Note: For 1/10 – 30A 250 volt fuses, order non-indicating FLNR series fuses.
Recommended Fuse Holders
LFR60Series•LFR25Series
Dimensions
PleaserefertotheClassRdimensionspage2.
Peak Let-Thru Curve (600 V)
Note: For more information, see Peak Let-Thru Table
Ordering Information
typE
voltagE sERIEs amp Catalog
NUmbER
oRDERINg
NUmbER
NON-INDICAtING
600 V
FLSR
15
FLSR015
FLSR015.t
INDICAtING
600 V
FLSR_ID
15
FLSR015ID
FLSR015.tXID
NON-INDICAtING
250 V
FLNR
60
FLNR060
FLNR060.t
INDICAtING
250 V
FLNR_ID
60
FLNR060ID FLNR060.tXID
QPL
FLSR_ID


Similar Part No. - FLSR-ID

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FLSR LITTELFUSE-FLSR Datasheet
418Kb / 1P
   FLNR/FLSR Class RK5 Fuses
FLSR.100T LITTELFUSE-FLSR.100T Datasheet
249Kb / 4P
   Class RK5 Fuses FLSR Series
Rev: 090721
FLSR.100TXID LITTELFUSE-FLSR.100TXID Datasheet
242Kb / 4P
   Class RK5 Fuses FLSR_ID Series
Rev: 090721
FLSR.150T LITTELFUSE-FLSR.150T Datasheet
249Kb / 4P
   Class RK5 Fuses FLSR Series
Rev: 090721
FLSR.150TXID LITTELFUSE-FLSR.150TXID Datasheet
242Kb / 4P
   Class RK5 Fuses FLSR_ID Series
Rev: 090721
More results

Similar Description - FLSR-ID

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FLNR-ID LITTELFUSE-FLNR-ID Datasheet
578Kb / 2P
   Class RK5 ??F LNR_ID ??F LS R_ID SERIES Indic ator짰 FUSES
FLNR LITTELFUSE-FLNR_V01 Datasheet
249Kb / 4P
   Class RK5 Fuses FLNR Series
Rev: 090721
IDSR LITTELFUSE-IDSR_V01 Datasheet
241Kb / 4P
   Class RK5 Fuses IDSR Series
Rev: 090721
FLSR_ID LITTELFUSE-FLSR_ID_V01 Datasheet
242Kb / 4P
   Class RK5 Fuses FLSR_ID Series
Rev: 090721
FLNR_ID LITTELFUSE-FLNR_ID_V01 Datasheet
211Kb / 3P
   Class RK5 Fuses FLNR_ID Series
Rev: 090721
FLSR LITTELFUSE-FLSR_V01 Datasheet
249Kb / 4P
   Class RK5 Fuses FLSR Series
Rev: 090721
FLNR LITTELFUSE-FLNR Datasheet
418Kb / 1P
   FLNR/FLSR Class RK5 Fuses
FLNR_ID LITTELFUSE-FLNR_ID Datasheet
437Kb / 3P
   FLNR_ID/FLSR_ID IndicatorTM Class RK5 Fuses
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 600 Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com