Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLNRK-ID Datasheet(PDF) 2 Page - Littelfuse

Part # LLNRK-ID
Description  CLASS RK1-LLNRK LLSRK LLSRK ID SERIES FUSES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLNRK-ID Datasheet(HTML) 2 Page - Littelfuse

  LLNRK-ID Datasheet HTML 1Page - Littelfuse LLNRK-ID Datasheet HTML 2Page - Littelfuse LLNRK-ID Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWR-GARD® Fuse Datasheet
© 2013 Littelfuse POWR-GARD® Products
Littelfuse.com
Rev: 040913
2 of 3
Class RK1 – llNRK • llsRK • llsRK_ID seRIes FUses
shoRt CIRCUIt
CURReNt*
appaReNt Rms symmetRICal CURReNt FoR VaRIoUs FUse RatINgs
30 A
60 A
100 A
200 A
400 A
600 A
5,000
1,060
1,600
2,100
2,600
4,100
--
10,000
1,350
2,000
2,800
3,400
5,250
8,000
15,000
1,600
2,300
3,200
3,900
6,000
9,000
20,000
1,700
2,600
3,600
4,500
6,700
10,000
25,000
1,900
2,800
3,800
4,800
7,500
11,000
30,000
2,000
3,000
4,100
5,200
8,000
12,000
35,000
2,100
3,100
4,400
5,700
8,500
12,500
40,000
2,200
3,300
4,600
6,000
9,000
13,000
50,000
2,400
3,500
4,900
6,500
9,500
14,000
60,000
2,500
3,800
5,200
7,000
10,000
15,000
80,000
2,700
4,000
5,700
7,750
11,000
17,000
100,000
2,900
4,200
6,200
8,500
12,000
18,000
150,000
3,200
4,600
7,300
10,000
14,000
21,000
200,000
3,300
4,700
8,000
11,000
16,000
23,000
Visit www.littelfuse.com/llsrk for 600 V Current-Limiting effects
Current-Limiting Effects of LLSRK and LLSRK_ID (600 V) Fuses
shoRt CIRCUIt
CURReNt*
appaReNt Rms symmetRICal CURReNt FoR VaRIoUs FUse RatINgs
30 A
60 A
100 A
200 A
400 A
600 A
5,000
900
1,400
2,000
2,700
4,800
5,000
10,000
1,100
1,900
2,700
3,500
6,200
8,500
15,000
1,250
2,100
3,100
4,200
7,000
9,500
20,000
1,400
2,400
3,500
4,600
8,000
10,800
25,000
1,500
2,600
3,900
5,000
8,300
11,500
30,000
1,600
2,800
4,000
5,250
9,000
12,000
35,000
1,700
2,850
4,300
5,500
9,500
12,500
40,000
1,800
3,000
4,600
5,800
9,800
13,500
50,000
1,900
3,200
4,800
6,300
10,200
14,000
60,000
2,000
3,500
5,200
6,700
11,000
15,000
80,000
2,200
3,900
5,700
7,200
12,200
16,000
100,000
2,300
4,000
6,000
8,100
12,700
17,000
150,000
2,500
4,500
6,700
9,100
14,000
19,000
200,000
2,600
4,800
7,000
9,700
15,000
20,000
*Prospective RMS Symmetrical Amperes Short-Circuit Current
Visit www.littelfuse.com/llnrk for 250 V Current-Limiting effects
Note: Data derived from Peak Let-thru Curves
Current-Limiting Effects of LLNRK (250 V) Fuses
Blown Fuse Indicator Assembly
Granular Quartz Filling
Precision Formed Short Circuit Element
Fiberglass Reinforced Pultruded Body
Elastomeric Silicone Overload Section
Plated End Caps
LLSRK_ID Fuses—Quality Construction
for performance you can rely on…
Littelfuse LLSRK_ID Fuses feature true dual-element
construction. This robust design withstands
repeated surges within rated time delay
without opening needlessly, eliminating
downtime caused by power surges
or equipment demands.


Similar Part No. - LLNRK-ID

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
   LLNRK/LLSRK Series POWR-PRO Class RK1
LLNRK LITTELFUSE-LLNRK Datasheet
494Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLNRK080 LITTELFUSE-LLNRK080 Datasheet
494Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLNRK080 LITTELFUSE-LLNRK080 Datasheet
421Kb / 3P
   CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
LLNRK LITTELFUSE-LLNRK_16 Datasheet
494Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
More results

Similar Description - LLNRK-ID

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSRK015-T LITTELFUSE-LSRK015-T Datasheet
421Kb / 3P
   CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
LLNRK LITTELFUSE-LLNRK_16 Datasheet
494Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLSRK LITTELFUSE-LLSRK Datasheet
404Kb / 3P
   CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
Rev: 1-A-052022
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
   LLNRK/LLSRK Series POWR-PRO Class RK1
KLSR LITTELFUSE-KLSR Datasheet
373Kb / 2P
   CLASS RK1-KLNR KLSR SERIES FUSES
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Cooper Bussmann, Inc.
LPN-RK-70SP COOPER-LPN-RK-70SP Datasheet
78Kb / 2P
   Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
KTN-R-1 COOPER-KTN-R-1 Datasheet
317Kb / 3P
   Limitron짰 fast-acting, RK1 ??250 volt fuses
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
   CLASS J JLS SERIES FUSES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com