Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC38C45P Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC38C45P
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC38C45P Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC38C45P Datasheet HTML 3Page - Texas Instruments UCC38C45P Datasheet HTML 4Page - Texas Instruments UCC38C45P Datasheet HTML 5Page - Texas Instruments UCC38C45P Datasheet HTML 6Page - Texas Instruments UCC38C45P Datasheet HTML 7Page - Texas Instruments UCC38C45P Datasheet HTML 8Page - Texas Instruments UCC38C45P Datasheet HTML 9Page - Texas Instruments UCC38C45P Datasheet HTML 10Page - Texas Instruments UCC38C45P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45
UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45
SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010
7
www.ti.com
APPLICATION INFORMATION
± 1% initial reference voltage
The BiCMOS internal reference of 2.5 V has an enhanced design and utilizes production trim to allow initial
accuracy of ±1% at room temperature and ± 2% over the full temperature range. This can be used to eliminate
an external reference in applications that do not require the extreme accuracy afforded by the additional device.
This is very useful for nonisolated dc-to-dc applications where the control device is referenced to the same
common as the output. It is also applicable in offline designs that regulate on the primary side of the isolation
boundary by looking at a primary bias winding, or perhaps from a winding on the output inductor of a
buck-derived circuit.
reduced discharge current variation
The original UC3842 oscillator did not have trimmed discharged current, and the parameter was not specified
on the datasheet. Since many customers attempted to use the discharge current to set a crude deadtime limit
the UC3842A family was released with a trimmed discharge current specified at 25°C. The
UCC28C4x/UCC38C4x series now offers even tighter control of this parameter, with approximately ±3%
accuracy at 25°C, and less than 10% variation over temperature using the UCC28C4x devices. This level of
accuracy can enable a meaningful limit to be programmed, a feature not currently seen in competitive BiCMOS
devices. The improved oscillator and reference also contribute to decreased variation in the peak to peak
variation in the oscillator waveform, which is often used as the basis for slope compensation for the complete
power system.
soft-start
The following diagram provides a typical soft-start circuit for use with the UCC38C42. The values of R and C
should be selected to bring the COMP pin up at a controlled rate, limiting the peak current supplied by the power
stage. After the soft-start interval is complete the capacitor continues to charge to VREF, effectively removing
the PNP transistor from circuit considerations.
The optional diode in parallel with the resistor forces a soft-start each time the PWM goes through UVLO and
the reference (VREF) goes low. Without the diode,the capacitor otherwise remains charged during a brief loss
of supply or brown-out, and no soft-start is enabled upon reapplication of VIN.
Figure 1
UDG--01072
VREF
UCC38C42
8
1
COMP
5
GND


Similar Part No. - UCC38C45P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38C45P TI-UCC38C45P Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC38C45P TI1-UCC38C45P Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC38C45PG4 TI1-UCC38C45PG4 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC38C45P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com