Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF081M2STR Datasheet(PDF) 1 Page - Rohm

Part # RF081M2STR
Description  Super Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF081M2STR Datasheet(HTML) 1 Page - Rohm

  RF081M2STR Datasheet HTML 1Page - Rohm RF081M2STR Datasheet HTML 2Page - Rohm RF081M2STR Datasheet HTML 3Page - Rohm RF081M2STR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RF081M2S
Series
Dimensions (Unit : mm)
Standard Fast Recovery
Applications
General rectification
Features
1)Small power mold type. (PMDU)
Structure
2)high switching speed
3)Low Reverse current
Construction
Silicon epitaxial planar
Taping dimensions (Unit : mm)
Absolute maximum ratings (Tl=25°C)
Symbol
Unit
VRM
V
VR
V
Direct voltage
Glass epoxy substrate mounted
50×50mm Glass epoxy substrate mounted
IFSM
A
Tj
°C
Tstg
°C
Electrical characteristics (Tj=25°C)
Symbol
Min.
Typ.
Max.
Unit
0.83
0.95
IF=0.8A
0.86
0.98
IF=1.0A
Reverse current
IR
0.01
10
μA
VR=200V
Reverse recovery time
trr
12
25
ns
IF=0.5A,IR=1A,Irr=0.25*IR
Thermal Resistance
Rth(j-l)
--
20
°C/W junction to lead
Forward voltage
VF
V
Conditions
Storage temperature
55 to 150
Parameter
Forward current surge peak
15
60Hz half sin wave, Non-repetitive one cycle peak value, Tj=25°C
Junction temperature
150
Average rectified forward current
Io
0.8
A
1.0
Repetitive peak Reverse voltage
200
Reverse voltage
200
Land size figure (Unit : mm)
Parameter
Limits
Conditions
PMDU
1.2
ROHM : PMDU
JEDEC :SOD-123
Manufacture Date
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.1
    0.05
4.0±0.1
2.0±0.05
φ1.55±0.05
1.81±0.1
4.0±0.1
φ1.0±0.1
0.25±0.05
1.5MAX
1/3
2011.05


Similar Part No. - RF081M2STR

ManufacturerPart #DatasheetDescription
logo
Rohm
RF081M2S ROHM-RF081M2S Datasheet
134Kb / 4P
   Super fast recovery diode
RF081M2S ROHM-RF081M2S Datasheet
983Kb / 4P
   Super Fast Recovery Diode
RF081M2S ROHM-RF081M2S_11 Datasheet
983Kb / 4P
   Super Fast Recovery Diode
More results

Similar Description - RF081M2STR

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com