Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFN1L6STE25 Datasheet(PDF) 1 Page - Rohm

Part # RFN1L6STE25
Description  Super Fast Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFN1L6STE25 Datasheet(HTML) 1 Page - Rohm

  RFN1L6STE25 Datasheet HTML 1Page - Rohm RFN1L6STE25 Datasheet HTML 2Page - Rohm RFN1L6STE25 Datasheet HTML 3Page - Rohm RFN1L6STE25 Datasheet HTML 4Page - Rohm RFN1L6STE25 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RFN1L6S
Series
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Standard Fast Recovery
Applications
General rectification
Features
1)Small power mold type.(PMDS)
Structure
2)Low switching loss
3)Low forward voltage
Construction
Silicon epitaxial planer
Absolute maximum ratings (TI=25
C)
Symbol
Limits
Unit
VRM
600
V
VR
600
V
Tj
150
C
Tstg
55 to 150
C
Electrical characteristics (Tj=25
C)
Symbol
Min.
Typ.
Max.
Unit
VF
1.15
1.45
V
IR
0.01
1
μA
trr
25
35
ns
Thermal resistance
Rth(j-l)
--
23
°C/W
Taping dimensions (Unit : mm)
Parameter
Conditions
Average rectified forward current
Io
Reverse voltage
Repetitive peak reverse voltage
Junction temperature
Forward current surge peak
IFSM
60Hz half sin wave, Non-repetitive
Conditions
Parameter
Storage temperature
junction to lead
Reverse recovery time
Reverse current
IF=0.8A
VR=600V
IF=0.5A,IR=1A,Irr=0.25×IR
Forward voltage
D≤0.5
Direct voltage
Glass epoxy substrate mounted
R-road, 60Hz half sin wave
Tl=115°C
one cycle peak value, Tj=25°C
0.8
A
15
A
PMDS
2.0
ROHM : PMDS
JEDEC : SOD-106
6
6
0.1±0.02
    0.1
2.6±0.2
2.0±0.2
1.5±0.2
8
4
Manufacture date
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ1.55
0.3
2.8MAX
1/4
2011.10 - Rev.A


Similar Part No. - RFN1L6STE25

ManufacturerPart #DatasheetDescription
logo
Rohm
RFN1L6S ROHM-RFN1L6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFN1L6S ROHM-RFN1L6S Datasheet
569Kb / 8P
   Super Fast Recovery Diode
RFN1L6SDD ROHM-RFN1L6SDD Datasheet
669Kb / 8P
   Super Fast Recovery Diode
RFN1L6S ROHM-RFN1L6S_15 Datasheet
569Kb / 8P
   Super Fast Recovery Diode
More results

Similar Description - RFN1L6STE25

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com