Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-P12YT Datasheet(PDF) 1 Page - Rohm

Part # SML-P12YT
Description  SML-P1 Series PICOLEDTM-eco/PICOLEDTM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P12YT Datasheet(HTML) 1 Page - Rohm

  SML-P12YT Datasheet HTML 1Page - Rohm SML-P12YT Datasheet HTML 2Page - Rohm SML-P12YT Datasheet HTML 3Page - Rohm SML-P12YT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SML-P11VT
Data Sheet
0.6
0.4
1
Terminal
Cathode mark
0.6
Tolerance : ±0.05
(unit : mm)
(unit : mm)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT (deg)
Y
X
Y’
X’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y’
X’
Dimensions
Recommended Solder Pattern Viewing Angle
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temp.
Topr(℃)
Storage
Temp.
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
SML-P12VT
AIGaInP
on GaAs
Red
50
20
100*
1
5
-40 to +85
-40 to +100
2.0
20
100
4
625
630
635
20
25
60
20
SML-P12UT
615
620
625
85
SML-P12DT
Orange
52
2.1
602
605
608
40
100
SML-P12YT
Yellow
587
590
593
130
SML-P12MT
Yellowish
Green
54
2.2
569
572
575
10
35
SML-P12PT
Green
557
560
563
4.0
13
SMLP12BC7T
InGaN
Blue
66
2.9
5
5
465
470
475
5
5.6
17
5
SMLP12WBC7W
White
(x, y) (0.30, 0.30)
36
71
SMLP12HBC7W
Pink
74
10
(x, y) (0.23, 0.10)
14
22
PICOLEDTM-eco
1:Duty1/10, 1kHz 2:Reference
PICOLEDTM
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
SML-P11VT
AIGaInP
on GaAs
Red
50
20
100*
1
5
-40 to +85
-40 to +100
1.8
1
10
4
621
626
631
1
1
3.6
1
SML-P11UT
616
621
626
1.6
5.5
SML-P11DT
Orange
52
1.9
602
605
608
2.5
7.3
SML-P11YT
Yellow
583
586
589
7.6
SML-P11MT
Yellowish
Green
54
566
569
572
0.63
2.1
SML-P11/-P12 Series
SMLP12 Series
Features
・Ultra compact, thin size 1.0×0.6mm
・Thinnest size in the worldt=0.2mm
・Original device technology enables high brightness and high
reliability
・Accomplishes low power consuming application
・Specification assured at IF=1mA (PICOLEDTM-eco)
*Investigated Aug. 2009
Color
Type
V
U
D
Y
M
P
B
WB
HB
1006(0402)
1.0×0.6mm(t=0.2mm)
SML-P1 Series
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
1:Duty1/10, 1kHz 2:Reference
Specifications
PICOLEDTM is ROHM's pending trademark.
PICOLEDTM-eco/PICOLEDTM
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-P12YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P12YT ROHM-SML-P12YT Datasheet
125Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P12YT ROHM-SML-P12YT Datasheet
1Mb / 4P
   Ultra compact
SML-P12YT ROHM-SML-P12YT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12YT ROHM-SML-P12YT Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
SML-P12YT ROHM-SML-P12YT Datasheet
447Kb / 12P
   Ultra compact, thin size
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com