Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37A19FVM-TR Datasheet(PDF) 2 Page - Rohm

Part # BD37A19FVM-TR
Description  Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37A19FVM-TR Datasheet(HTML) 2 Page - Rohm

  BD37A19FVM-TR Datasheet HTML 1Page - Rohm BD37A19FVM-TR Datasheet HTML 2Page - Rohm BD37A19FVM-TR Datasheet HTML 3Page - Rohm BD37A19FVM-TR Datasheet HTML 4Page - Rohm BD37A19FVM-TR Datasheet HTML 5Page - Rohm BD37A19FVM-TR Datasheet HTML 6Page - Rohm BD37A19FVM-TR Datasheet HTML 7Page - Rohm BD37A19FVM-TR Datasheet HTML 8Page - Rohm BD37A19FVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/15
BD37Axx Series
BD87Axx Series
BD99A41F
Datasheet
TSZ02201-0T2T0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
●Pin Configurations
Figure 1. Pin Configurations
●Pin Descriptions
BD37AxxFVM
BD87AxxFVM / BD99A41F
No.
Pin
name
Function
No.
Pin
name
Function
1
CLK
Clock input from microcontroller
1
CTW
WDT time setting capacitor connection pin
2
CT
Reset delay time setting capacitor
connection pin
2
CT
Reset delay time setting capacitor
connection pin
3
CTW
WDT time setting capacitor connection pin
3
CLK
Clock input from microcontroller
4
VDD
Power supply pin
4
GND
GND pin
5
N.C.
NC pin
5
VDD
Power supply pin
6
GND
GND pin
6
INH
WDT ON/OFF setting pin
INH=H/L:WDT=OFF/ON(BD87AxxFVM)
INH=H/L:WDT=ON/OFF(BD99A41F)
7
INH
WDT ON/OFF setting pin
INH=H/L:WDT=ON/OFF
7
N.C.
NC pin
8
RESET Reset output pin
8
RESET Reset output pin
●Block Diagrams
BD37AxxFVM
BD87AxxFVM / BD99A41F
CT pin capacitor: 470pF to 3.3µF
CTW pin capacitor: 0.001µF to 10µF
Figure 2.Block Diagrams
MSOP8
(TOP VIEW)
1 2 3 4
8 7 6 5
SOP8
(TOP VIEW)
12
3
4
87
65
RESET
INH
Vref
VDD
GND
N.C.
VDD
VthH
VthL
R
S
Q
R
S
Q
+
+
+
CLK
CT
CTW
VDD
1
2
3
4
8
7
6
5
Pulse
Generation
Circuit
Pulse
Generation
Circuit
CTW
CT
CLK
GND
RESET
N.C.
Vref
VDD
INH
VDD
VDD
VthH
VthL
R
S
Q
R
S
Q
1
2
3
4
5
6
7
8
+
+
+


Similar Part No. - BD37A19FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
More results

Similar Description - BD37A19FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
logo
Megawin Technology Co.,...
MG65L513A MEGAWIN-MG65L513A Datasheet
551Kb / 30P
   Watchdog timer built-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com