Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA602BM Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA602BM
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA602BM Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA602BM Datasheet HTML 2Page - Texas Instruments OPA602BM Datasheet HTML 3Page - Texas Instruments OPA602BM Datasheet HTML 4Page - Texas Instruments OPA602BM Datasheet HTML 5Page - Texas Instruments OPA602BM Datasheet HTML 6Page - Texas Instruments OPA602BM Datasheet HTML 7Page - Texas Instruments OPA602BM Datasheet HTML 8Page - Texas Instruments OPA602BM Datasheet HTML 9Page - Texas Instruments OPA602BM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
OPA602
6
SBOS155A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and VS = ±15VDC, unless otherwise noted.
SETTLING TIME vs CLOSED-LOOP GAIN
5
4
3
2
1
0
–1
–10
–100
–1k
Closed-Loop Gain (V/V)
0.1%
R
L = 1kΩ
C
L = 100pF
0.01%
SUPPLY CURRENT vs TEMPERATURE
3.5
3.25
3.0
2.75
2.5
–75
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
OPEN-LOOP GAIN vs SUPPLY VOLTAGE
104
0
Supply Voltage (
±V
CC)
92
5
101520
100
96
TOTAL HARMONIC DISTORTION
vs FREQUENCY
1
0.1
0.01
0.001
0.1
Frequency (Hz)
1
10
100
1k
10k
100k
A
V = +101V/V
A
V = +1V/V
6.5Vrms
1k
402
40.2k
A
V = +101V/V
BIAS AND OFFSET CURRENT vs TEMPERATURE
10nA
–50
Ambient Temperature (
°C)
10nA
–25
0
25
50
75
100
125
1nA
100
10
1
0.1
1nA
100
10
1
0.1
BIAS AND OFFSET CURRENT
vs INPUT COMMON MODE VOLTAGE
10
1
0.1
0.01
–15
Common-Mode Voltage (V)
10
1
0.1
0.01
–10
–50
510
15
Bias Current
Offset Current


Similar Part No. - OPA602BM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA602BM BURR-BROWN-OPA602BM Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA602BM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Texas Instruments
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com