Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD10DRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75HVD10DRG4
Description  Optional Driver Output Transition Times for Signaling Rates (1) of 1 Mbps, 10 Mbps, and 32 mbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD10DRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75HVD10DRG4 Datasheet HTML 6Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 7Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 8Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 9Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 10Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 11Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 12Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 13Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Input
Generator
50
Generator: PRR = 100 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
VO
RE
R
A
B
3 V
1.5 V
tPZH(2)
1.5 V
3 V
0 V
VOH
GND
VI
VO
0 V or 1.5 V
1.5 V or 0 V
CL = 15 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
VI
1 k
Ω ± 1%
A
B
S1
A at 1.5 V
B at 0 V
S1 to B
tPZL(2)
1.5 V
3 V
VOL
VO
A at 0 V
B at 1.5 V
S1 to A
Pulse Generator,
15
µs Duration,
1% Duty Cycle
tr, tf ≤ 100 ns
100
± 1%
_
+
A
B
R
D
DE
RE
0 V or 3 V
NOTE: This test is conducted to test survivability only. Data stability at the R output is not specified.
3 V or 0 V
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
SLLS505K
– FEBRUARY 2002 – REVISED SEPTEMBER 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. Receiver Enable Time From Standby (Driver Disabled)
Figure 11. Test Circuit, Transient Over Voltage Test
10
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD10, SN65HVD10Q, SN75HVD10 SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12


Similar Part No. - SN75HVD10DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD10DRG4 TI-SN75HVD10DRG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD10DRG4

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5612-LF BOTHHAND-S5612-LF Datasheet
597Kb / 1P
   Operating transmission rates: 1 to 7 Mbps.
logo
Renesas Technology Corp
RV1S9213A RENESAS-RV1S9213A Datasheet
6Mb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER,
Nov 11,2019
PS8101 RENESAS-PS8101 Datasheet
250Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE
logo
Texas Instruments
ISO7241A-EP TI1-ISO7241A-EP Datasheet
450Kb / 17P
[Old version datasheet]   1-Mbps QUAD DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8661AB-B-IS1 SILABS-SI8661AB-B-IS1 Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
Texas Instruments
ISO7242ADWRG4 TI1-ISO7242ADWRG4 Datasheet
1Mb / 21P
[Old version datasheet]   1-Mbps QUAD DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com