Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1754HFN Datasheet(PDF) 2 Page - Rohm

Part # BD1754HFN
Description  Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Datasheet(HTML) 2 Page - Rohm

  BD1754HFN_12 Datasheet HTML 1Page - Rohm BD1754HFN_12 Datasheet HTML 2Page - Rohm BD1754HFN_12 Datasheet HTML 3Page - Rohm BD1754HFN_12 Datasheet HTML 4Page - Rohm BD1754HFN_12 Datasheet HTML 5Page - Rohm BD1754HFN_12 Datasheet HTML 6Page - Rohm BD1754HFN_12 Datasheet HTML 7Page - Rohm BD1754HFN_12 Datasheet HTML 8Page - Rohm BD1754HFN_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/16
BD1754HFN
Datasheet
TSZ02201-0G3G0C200060-1-2
9.NOV.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Ratings
Unit
Terminal voltage
VMAX
7
V
Power dissipation
Pd
630
(*1)
mW
Operating temperature range
Topr
-30 to +85
°C
Storage temperature range
Tstg
-55 to +150
°C
(*1)
This value is the measurement value when the driver is mounted on a glass epoxy board (70 mm x 70 mm x 1.6 mm).
When using the driver at Ta of 25°C or higher, the power is dissipated by approx. 5.04 mW/°C.
●Recommended Operating Ratings (Ta = -30°C to +85°C)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating power supply voltage
VIN
2.7
3.6
5.5
V
Driver pin voltage range
VDRV
0.2
-
VIN-1.4
V
When Current driver power on.
●Electrical Characteristics (Unless otherwise specified, Ta = 25°C and VIN = 3.6 V)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Quiescent current
Iq
-
0.1
1
μA
EN=0V
Circuit current
IDD
-
1.2
2.0
mA
Except LED current
[Current driver]
Maximum current
ILED-max
29.76
32.0
34.24
mA
RISET = 120kΩ
LED Current accuracy
ILED-diff
-
-
7.0
%
When current 16.5 mA setting
RISET = 120kΩ
LED Current matching
ILED-match
-
0.5
3.0
(*1)
%
When current 16.5 mA setting
RISET = 120kΩ
[Logic controller]
Low threshold voltage
VIL
-
-
0.4
V
High threshold voltage
VIH
1.4
-
-
V
‘H’ level input current
IIH
-
0
2
μA
EN=VIN
‘L’ level input current
IIL
-2
0
-
μA
EN=0V
EN ‘H’ time
THI
0.05
-
100
μs
EN ‘L’ time
TLO
0.3
-
100
μs
EN Off time-out
TOFF
1
-
-
ms
VIN supply -> EN active time
TVINON
1
-
-
ms
EN stand-by -> VIN Off time
TVINOFF
0
-
-
ms
(*1)
The following formula is used for calculation:
ILED-match = {(Imax - Imin) / (Imax + Imin)} x 100
Imax = Current value in a channel with the maximum current value among all channels
Imin = Current value in a channel with the minimum current value among all channels


Similar Part No. - BD1754HFN_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results

Similar Description - BD1754HFN_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4002B ONSEMI-CAT4002B Datasheet
183Kb / 11P
   Constant Current Programmable LED Driver with 32 Dimming Levels
January, 2010 ??Rev. 2
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Phihong USA Inc.
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com