Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4192IDB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4192IDB
Description  192kHz Stereo Asynchronous Sample Rate Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SRC4192IDB Datasheet(HTML) 4 Page - Texas Instruments

  SRC4192IDB Datasheet HTML 1Page - Texas Instruments SRC4192IDB Datasheet HTML 2Page - Texas Instruments SRC4192IDB Datasheet HTML 3Page - Texas Instruments SRC4192IDB Datasheet HTML 4Page - Texas Instruments SRC4192IDB Datasheet HTML 5Page - Texas Instruments SRC4192IDB Datasheet HTML 6Page - Texas Instruments SRC4192IDB Datasheet HTML 7Page - Texas Instruments SRC4192IDB Datasheet HTML 8Page - Texas Instruments SRC4192IDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
SRC4192, SRC4193
SBFS022B
4
www.ti.com
SRC4192, SRC4193
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
DYNAMIC PERFORMANCE(1)
Resolution
24
Bits
Input Sampling Frequency
fSIN
4
212
kHz
Output Sampling Frequency
fSOUT
4
212
kHz
Input: Output Sampling Ratio
Upsampling
1:16
Downsampling
16:1
Dynamic Range
BW = 20Hz to fSOUT/2, –60dBFS Input
fIN = 1kHz, Unweighted
(add 3dB to spec for A-weighted result)
44.1kHz; 48kHz
140
dB
48kHz; 44.1kHz
140
dB
48kHz; 96kHz
140
dB
44.1kHz; 192kHz
138
dB
96kHz; 48kHz
141
dB
192kHz; 12kHz
141
dB
192kHz; 32kHz
141
dB
192kHz; 48kHz
141
dB
32kHz; 48kHz
140
dB
12kHz; 192kHz
138
dB
Total Harmonic Distortion + Noise
BW = 20Hz to fSOUT/2, 0dBFS Input
fIN = 1kHz, Unweighted
44.1kHz; 48kHz
–140
dB
48kHz; 44.1kHz
–140
dB
48kHz; 96kHz
–140
dB
44.1kHz; 192kHz
–137
dB
96kHz; 48kHz
–140
dB
192kHz; 12kHz
–140
dB
192kHz; 32kHz
–141
dB
192kHz; 48kHz
–141
dB
32kHz; 48kHz
–140
dB
12kHz; 192kHz
–137
dB
Interchannel Gain Mismatch
0dB
Interchannel Phase Deviation
0
Degrees
Digital Attenuation
SRC4193 Only
Minimum
0dB
Maximum
–127.5
dB
Step Size
0.5
dB
Mute Attenuation
24-Bit Word Length, A-weighted
–144
dB
DIGITAL INTERPOLATION FILTER
CHARACTERISTICS
Passband
0.4535 x fSIN
Hz
Passband Ripple
±0.007
dB
Transition Band
0.4535 x fSIN
0.5465 x fSIN
Hz
Stop Band
0.5465 x fSIN
Hz
Stop Band Attenuation
–144
dB
Normal Group Delay (LGRP = 0)
Decimation Filter On (DFLT = 0)
102.53125/fSIN
Seconds
Normal Group Delay (LGRP = 0)
Decimation Filter Off (DFLT = 1)
102/fSIN
Seconds
Low Group Delay (LGRP = 1)
Decimation Filter On (DFLT = 0)
70.53125/fSIN
Seconds
Low Group Delay (LGRP = 1)
Decimation Filter Off (DFLT = 1)
70/fSIN
Seconds
DIGITAL DECIMATION FILTER
CHARACTERISTICS
Passband
0.4535 x fSOUT
Hz
Passband Ripple
±0.008
dB
Transition Band
0.4535 x fSOUT
0.5465 x fSOUT
Hz
Stop Band
0.5465 x fSOUT
Hz
Stop Band Attenuation
–143
dB
Group Delay
Decimation Filter
DFLT = 0 for SRC4193
36.46875/fSOUT
Seconds
Direct Down-Sampling
SRC4193 Only, DFLT = 1
0
Seconds
DIGITAL I/O CHARACTERISTICS
High-Level Input Voltage
VIH
0.7 x VIO
VIO
V
Low Level Input Voltage
VIL
0
0.3 x VIO
V
High-Level Input Current
IIH
0.5
10
µA
Low-Level Input Current
IIL
0.5
10
µA
High-Level Output Voltage
VOH
IO = –4mA
0.8 x VIO
VIO
V
Low-Level Output Voltage
VOL
IO = +4mA
0
0.2 x VIO
V
Input Capacitance
CIN
3pF
ELECTRICAL CHARACTERISTICS
All parameters specified with TA = +25°C, VDD = +3.3V, and VIO = +3.3V, unless otherwise noted.


Similar Part No. - SRC4192IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI1-SRC4192IDB Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192IDBG4 TI-SRC4192IDBG4 Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDBG4 TI1-SRC4192IDBG4 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4192IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com