Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDXXKA5 Datasheet(PDF) 7 Page - Rohm

Part # BDXXKA5
Description  500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDXXKA5 Datasheet(HTML) 7 Page - Rohm

Back Button BDXXKA5 Datasheet HTML 3Page - Rohm BDXXKA5 Datasheet HTML 4Page - Rohm BDXXKA5 Datasheet HTML 5Page - Rohm BDXXKA5 Datasheet HTML 6Page - Rohm BDXXKA5 Datasheet HTML 7Page - Rohm BDXXKA5 Datasheet HTML 8Page - Rohm BDXXKA5 Datasheet HTML 9Page - Rohm BDXXKA5 Datasheet HTML 10Page - Rohm BDXXKA5 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Datasheet
7/15
BDxxKA5 Series
BDxxKA5W Series
BD00KA5W Series
TSZ02201-0R6R0A600150-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
26.Jun.2012 Rev.001
●Typical Performance Curves - continued
Fig.10
Input/Output Voltage Difference
(Vcc=3.135V)
Fig.11
Ripple Rejection
(ein=10dBV,Io=100mA)
Fig.13
Circuit Current
Temperature Characteristics
Fig.12
Output Voltage
(Io=5mA)
TEMPERATURE : Ta[℃]
TEMPERATURE : Ta[℃]


Similar Part No. - BDXXKA5

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
BDXXKA5FP ROHM-BDXXKA5FP Datasheet
309Kb / 6P
   Low ESR Capacitor, Low Dropout 500mA Regulator IC
BDXXKA5FP ROHM-BDXXKA5FP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BDXXKA5WF ROHM-BDXXKA5WF Datasheet
329Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
More results

Similar Description - BDXXKA5

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00HA5WEFJ ROHM-BD00HA5WEFJ_13 Datasheet
507Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD00IA5WEFJ ROHM-BD00IA5WEFJ Datasheet
479Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D33A-E6T2U SII-S-1142D33A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com