Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD45385 Datasheet(PDF) 4 Page - Rohm

Part # BD45385
Description  Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45385 Datasheet(HTML) 4 Page - Rohm

  BD45385 Datasheet HTML 1Page - Rohm BD45385 Datasheet HTML 2Page - Rohm BD45385 Datasheet HTML 3Page - Rohm BD45385 Datasheet HTML 4Page - Rohm BD45385 Datasheet HTML 5Page - Rohm BD45385 Datasheet HTML 6Page - Rohm BD45385 Datasheet HTML 7Page - Rohm BD45385 Datasheet HTML 8Page - Rohm BD45385 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Datasheet
Datasheet
4/13
BD45xxx series
BD46xxx series
TSZ02201-0R7R0G300010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.Dec.2012 Rev.005
www.rohm.com
TSZ22111・15・001
Absolute maximum ratings
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD-GND
-0.3 to +10
V
Output Voltage
Nch Open Drain Output
VOUT
GND-0.3 to +10
V
CMOS Output
GND-0.3 to VDD+0.3
Output Current
IO
60
mA
ER pin Voltage
VCT
GND-0.3 to VDD+0.3
V
Power Dissipation
*1 *2
Pd
540
mW
Operating Temperature
Topr
-40 to +105
°C
Ambient Storage Temperature
Tstg
-55 to +125
°C
*1
Reduced by 5.4mW/°C when used over 25°C.
*2
When mounted on ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board).
●Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Detection Voltage
VDET
VDD=H
L, RL=470k
*1
VDET(T)
×0.99
VDET(T)
VDET(T)
×1.01
V
VDET=2.5V
Ta=+25°C
2.475
2.5
2.525
Ta=-40°C to 85°C
2.417
-
2.580
Ta=85°C to 105°C
2.422
-
2.598
VDET=3.0V
Ta=+25°C
2.970
3.0
3.030
Ta=-40°C to 85°C
2.901
-
3.095
Ta=85°C to 105°C
2.906
-
3.117
VDET=3.3V
Ta=+25°C
3.267
3.3
3.333
Ta=-40°C to 85°C
3.191
-
3.405
Ta=85°C to 105°C
3.196
-
3.429
VDET=4.2V
Ta=+25°C
4.158
4.2
4.242
Ta=-40°C to 85°C
4.061
-
4.334
Ta=85°C to 105°C
4.068
-
4.364
VDET=4.8V
Ta=+25°C
4.752
4.8
4.848
Ta=-40°C to 85°C
4.641
-
4.953
Ta=85°C to 105°C
4.649
-
4.988
Detection Voltage
Temperature coefficient
VDET/
∆T
-40°C to +105°C
-
±100
±360
ppm/°C
Hysteresis Voltage
∆VDET
VDD=L
H
L, RL=470k
VDET(T)
×0.03
VDET(T)
×0.05
VDET(T)
×0.08
V
‘High’ Output
Delay time
tPLH
CL=100pF,
RL=100k
*1, *2, *3
BD45XX5, BD46XX5
45
50
55
ms
BD45XX1, BD46XX1
90
100
110
BD45XX2, BD46XX2
180
200
220
Circuit Current
when ON
IDD1
VDD=VDET-0.2V, VER=0V VDET=2.3V to 3.1V
*1
-
0.70
2.10
µA
VDD=VDET-0.2V, VER=0V VDET=2.3V to 3.1V
-
0.70
2.85
VDD=VDET-0.2V, VER=0V VDET=3.2V to 4.2V
*1
-
0.75
2.25
VDD=VDET-0.2V, VER=0V VDET=3.2V to 4.2V
-
0.75
3.00
VDD=VDET-0.2V, VER=0V VDET=4.3V to 4.8V
*1
-
0.80
2.40
VDD=VDET-0.2V, VER=0V VDET=4.3V to 4.8V
-
0.80
3.15
Circuit Current
when OFF
IDD2
VDD=VDET+0.2V, VER=0V VDET=2.3V to 3.1V
*1
-
0.75
2.25
µA
VDD=VDET+0.2V, VER=0V VDET=2.3V to 3.1V
-
0.75
4.28
VDD=VDET+0.2V, VER=0V VDET=3.2V to 4.2V
*1
-
0.80
2.40
VDD=VDET+0.2V, VER=0V VDET=3.2V to 4.2V
-
0.80
4.50
VDD=VDET+0.2V, VER=0V VDET=4.3V to 4.8V
*1
-
0.85
2.55
VDD=VDET+0.2V, VER=0V VDET=4.3V to 4.8V
-
0.85
4.73
VDET(T):Standard Detection Voltage (2.3V to 4.8V, 0.1V step)
RL :Pull-up resistor to be connected between VOUT and power supply.
CL :Capacitor to be connected between VOUT and GND.
*1
Guarantee is Ta=25°C.
*2 tPLH:VDD=(VDET(T)-0.5V)
(VDET(T)+0.5V)
*3 tPLH:VDD=Please set the rise up time between VDD=0
VDET to more than 100µs.
Attention: Please connect the GND when you don’t use ‘ER’


Similar Part No. - BD45385

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45385 ROHM-BD45385 Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD45385 ROHM-BD45385 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45385 ROHM-BD45385 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45385 ROHM-BD45385 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45385 ROHM-BD45385 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Similar Description - BD45385

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
logo
Guangdong Youtai Semico...
SM712 UMW-SM712 Datasheet
528Kb / 4P
   Molded JEDEC SOT-23 Package
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com