Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BHXXLB1WG Datasheet(PDF) 8 Page - Rohm

Part # BHXXLB1WG
Description  Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BHXXLB1WG Datasheet(HTML) 8 Page - Rohm

  BHXXLB1WG Datasheet HTML 1Page - Rohm BHXXLB1WG Datasheet HTML 2Page - Rohm BHXXLB1WG Datasheet HTML 3Page - Rohm BHXXLB1WG Datasheet HTML 4Page - Rohm BHXXLB1WG Datasheet HTML 5Page - Rohm BHXXLB1WG Datasheet HTML 6Page - Rohm BHXXLB1WG Datasheet HTML 7Page - Rohm BHXXLB1WG Datasheet HTML 8Page - Rohm BHXXLB1WG Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/8
Technical Note
BH
□□FB1WG series, BH□□FB1WHFV series,
BH
□□LB1WG series, BH□□LB1WHFV series,
BH
□□MA3WHFV series
2010.07 -
Rev. C
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
5
12 3
4
1.6
±0.05
1.0
±0.05
0.8
0.3
32 1
4
5
0.13
±0.05
0.5
0.22
±0.05
(1.2)
(1.4)
0.145
±0.05
0.22
±0.05
0.5
S
3
2
1
4
5
6
1.6
±0.1
(1.8MAX.)
0.1 S
0.1
2.9
±0.2
0.13
4
°
+6
°
- 4
°
+0.05
-0.03
0.42
+0.05
-0.04
0.95
5
4
12
3
(Package Specification) SSOP5, HVSOF5
Package Form
Package Quantity
Package
Orientation
Embossed taping
3000pcs
TR
(When the reel is held with the left hand and the tape is drawn out with the right hand,
the No. 1 pin of the product faces the upper right direction.)
* Please make orders in multiples of the package quantity.
Reel
No. 1 pin
Pulling side
(Package Specification) HVSOF6
Embossed taping
3000pcs
TR
(When the reel is held with the left hand and the tape is drawn out with the right hand,
the No. 1 pin of the product faces the upper right direction.)
* Please make orders in multiples of the package quantity.
HVSOF5
SSOP5
HVSOF6
(Unit:mm)
(Unit:mm)
(Unit:mm)
Package Form
Package Quantity
Package
Orientation


Similar Part No. - BHXXLB1WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BHXXLB1WG ROHM-BHXXLB1WG Datasheet
325Kb / 6P
   CMOS Type series regulator
BHXXLB1WG ROHM-BHXXLB1WG Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
More results

Similar Description - BHXXLB1WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com