Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH18LB1WG Datasheet(PDF) 2 Page - Rohm

Part # BH18LB1WG
Description  Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH18LB1WG Datasheet(HTML) 2 Page - Rohm

  BH18LB1WG Datasheet HTML 1Page - Rohm BH18LB1WG Datasheet HTML 2Page - Rohm BH18LB1WG Datasheet HTML 3Page - Rohm BH18LB1WG Datasheet HTML 4Page - Rohm BH18LB1WG Datasheet HTML 5Page - Rohm BH18LB1WG Datasheet HTML 6Page - Rohm BH18LB1WG Datasheet HTML 7Page - Rohm BH18LB1WG Datasheet HTML 8Page - Rohm BH18LB1WG Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute maximum ratings (Ta = 25 C)
Applied supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
VMAX
Pd
Topr
Tstg
680
(HVSOF6)
410
(HVSOF5)
540
(SSOP5)
~ +85
+125
-40
-55
+6.5
-0.3
~
~
mW
C
C
V
Conditions
Ceramic capacitor recommended
Ceramic capacitor recommended
-
Input capacitor
CIN
0.1
-
-
-
μF
Output capacitor
Noise decrease capacitor
Co
Cn
1.0
0.01
0.22
-
μF
Ceramic capacitor recommended
μF
Recommended operating conditions
Parameter
Min.
Max.
Unit
Typ.
Symbol
Power supply voltage
Output current
VIN
IOUT
-
--
2.5
5.5
300
V
mA
--
150
mA
--
150
mA
Recommended operating range
Parameter
Min.
Max.
Unit
Typ.
Symbol
BH
MA3W
BH
FB1W
BH
LB1W
BH
MA3WHFV
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
IOUT=1mA
IOUT=1mA
STBY=0V
VRR=-20dBv, fRR=1kHz, IOUT=10mA
VIN=0.98 X VOUT, IOUT=100mA
VIN=VOUT+0.5V to 5.5V
IOUT=1mA to 100mA
IOUT=1mA to 300mA
IOUT=1mA, Ta=-40 to +85 C
VOUT
I GND
I STBY
RR
VSAT1
VDL1
VDL01
VDL02
ILMAX
I SHORT
-
-
-
-
-
-
-
-
-
-
65
-
60
60
2
6
18
±100
600
100
95
1.0
-
90
20
30
90
-
-
-
V
μA
μA
dB
mV
mV
mV
mV
ppm/ C
mA
mA
VOUT
Vo=VOUT X 0.85
Vo=0V
BH
FB1WHFV/WG , BH
LB1WHFV/WG
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output voltage
Circuit current
Circuit current(STBY)
Ripple rejection ratio
Load response 1
Load response 2
Dropout voltage
Line regulation
IOUT=1mA
IOUT=50mA
STBY=0V
VRR=-20dBv, fRR=1kHz, IOUT=10mA
IOUT=1mA to 30mA
IOUT=30mA to 1mA
VIN=0.98 VOUT, IOUT=100mA
VIN=VOUT+0.5V to 5.5V
IOUT=1mA to 100mA
IOUT=1mA to 150mA
VOUT
I GND
I STBY
RR
LTV1
LTV2
VSAT
VDL1
VDL01
VDL02
VOUT
40
-
70
50
50
250
2
10
15
250
300
50
40
1100
-
-
VOUT 1.01
70
1.0
-
-
-
450
20
30
90
420
450
V
μA
μA
dB
mV
mV
mV
mV
mV
mA
STBY
control voltage
ON
OFF
VOUT 0.99
-
-
-
-
-
-
-
-
-
-
-
1
3
4
Vo=VOUT 0.98
Vo=0V
STBY pull-down resistor
Short current
Over current protection
limit current
Load regulation (1)
Load regulation (2)
ILMAX
I SHORT
RSTB
VSTBH
VSTBL
550
1.5
-0.3
2200
Vcc
0.3
k
Ω
V
V
mA
mA
3
5
150
150
3
5
3
5
5
BH25,28,29,30,31,33WHFV/G
-
-
3
5
2/8
Technical Note
BH
FB1WG series, BH
FB1WHFV series,
BH
LB1WG series, BH
LB1WHFV series,
BH
MA3WHFV series
2010.07 -
Rev. C
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BH18LB1WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BH18LB1WG ROHM-BH18LB1WG Datasheet
325Kb / 6P
   CMOS Type series regulator
BH18LB1WG ROHM-BH18LB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
More results

Similar Description - BH18LB1WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com