Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU52056NVX Datasheet(PDF) 1 Page - Rohm

Part # BU52056NVX
Description  Omnipolar Detection Hall ICs Line up of supply voltage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52056NVX Datasheet(HTML) 1 Page - Rohm

  BU52056NVX Datasheet HTML 1Page - Rohm BU52056NVX Datasheet HTML 2Page - Rohm BU52056NVX Datasheet HTML 3Page - Rohm BU52056NVX Datasheet HTML 4Page - Rohm BU52056NVX Datasheet HTML 5Page - Rohm BU52056NVX Datasheet HTML 6Page - Rohm BU52056NVX Datasheet HTML 7Page - Rohm BU52056NVX Datasheet HTML 8Page - Rohm BU52056NVX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1/31
www.rohm.com
2011.12 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
Hall ICs
Omnipolar Detection Hall ICs
BU52001GUL,BU52011HFV,BU52021HFV,BU52015GUL,BU52025G,BU52053NVX,
BU52054GWZ,BU52055GWZ,BU52056NVX,BU52061NVX,BD7411G
Description
The omnipolar Hall ICs are magnetic switches that can operate both S-and N-pole, upon which the output goes from Hi to
Low. In addition to regular single-output Hall ICs, We offer a lineup of dual-output units with a reverse output terminal (active
High).
Features
1) Omnipolar detection
2) Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
3) Ultra-compact and thin wafer level CSP4 package (BU52054GWZ, BU52055GWZ)
4) Ultra-compact wafer level CSP4 package (BU52015GUL, BU52001GUL)
5) Ultra-Small outline package SSON004X1216 (BU52061NVX, BU52053NVX, BU52056NVX)
6) Ultra-Small outline package HVSOF5 (BU52011HFV, BU52021HFV)
7) Small outline package (BU52025G, BD7411G)
8) Line up of supply voltage
For 1.8V Power supply voltage (BU52054GWZ, BU52055GWZ, BU52015GUL, BU52061NVX, BU52053NVX,
BU52056NVX, BU52011HFV)
For 3.0V Power supply voltage (BU52001GUL)
For 3.3V Power supply voltage (BU52021HFV, BU52025G)
For 5.0V Power supply voltage (BD7411G)
9) Dual output type (BU52015GUL)
10) High ESD resistance 8kV (HBM) (6kV for BU52056NVX)
Applications
Mobile phones, notebook computers, digital video camera, digital still camera, white goods etc.
Lineup matrix
Product name
Supply
voltage
Operate
point
Hysteresis
Period
Supply current
(AVG)
Output
type
Package
(V)
(mT)
(mT)
(ms)
(A)
BU52054GWZ
1.65~3.60
+/-6.3
0.9
50
5.0µ
CMOS
UCSP35L1
BU52055GWZ
1.65~3.60
+/-4.1
0.8
50
5.0µ
CMOS
UCSP35L1
BU52015GUL
1.65~3.30
+/-3.0
0.9
50
5.0µ
CMOS
VCSP50L1
BU52001GUL
2.40~3.30
+/-3.7
0.8
50
8.0µ
CMOS
VCSP50L1
BU52061NVX
1.65~3.60
+/-3.3
0.9
50
4.0µ
CMOS
SSON004X1216
BU52053NVX
1.65~3.60
+/-3.0
0.9
50
5.0µ
CMOS
SSON004X1216
BU52056NVX
1.65~3.60
+/-4.6
0.8
50
5.0µ
CMOS
SSON004X1216
BU52011HFV
1.65~3.30
+/-3.0
0.9
50
5.0µ
CMOS
HVSOF5
BU52021HFV
2.40~3.60
+/-3.7
0.8
50
8.0µ
CMOS
HVSOF5
BU52025G
2.40~3.60
+/-3.7
0.8
50
8.0µ
CMOS
SSOP5
BD7411G
4.50~5.50
+/-3.4
0.4
-
2.0m
CMOS
SSOP5
Plus is expressed on the S-pole; minus on the N-pole
No.10045EGT02


Similar Part No. - BU52056NVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52056NVX ROHM-BU52056NVX Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52056NVX ROHM-BU52056NVX Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52056NVX ROHM-BU52056NVX Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52056NVX ROHM-BU52056NVX Datasheet
619Kb / 32P
   Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
More results

Similar Description - BU52056NVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com