Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA114GKA Datasheet(PDF) 2 Page - Rohm

Part # DTA114GKA
Description  -100mA / -50V Digital transistors (with built-in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114GKA Datasheet(HTML) 2 Page - Rohm

  DTA114GKA Datasheet HTML 1Page - Rohm DTA114GKA Datasheet HTML 2Page - Rohm DTA114GKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.B
Data Sheet
DTA114GUA / DTA114GKA
 Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ. Max.
Unit
Conditions
BVCBO
−50
−−
VIC
= −50μA
IC
= −1mA
IE
= −720μA
VCB
= −50V
IC
= −10mA, IB= −0.5mA
VEB
= −4V
VCE
= −10V, IE=50mA, f=100MHz
BVCEO
−50
−−
V
BVEBO
−5
−−
V
ICBO
−−
−0.5
μA
VCE(sat)
−−
−0.3
V
IEBO
−300
−−580 μA
IC
= −5mA, VCE= −5V
hFE
30
−−
fT
250
10
MHz
R1
713
k
Ω
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Emitter-base resistance
Transition frequency
∗ Characteristics of built-in transistor
 Electrical characteristic curves
100
200
500
20
50
2
5
10
0.5
2
5
1
10
20
50
100
Ta=25˚C
VO
=5V
Fig.1 DC Current gain
vs. Collector Current
COLLECTOR CURRENT : Ic
(mA)
1000
200
500
100
10
20
50
1
2
5
10
20
50
100
Ta=25˚C
Fig.2 Collector-emitter saturation voltage
vs. Collector Current
COLLECTOR CURRENT : VDS
(V)
IC / IB
=20 / 1
IC / IB
=10 / 1


Similar Part No. - DTA114GKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114GKA ROHM-DTA114GKA Datasheet
48Kb / 1P
   Digital Transistors (Built-in Resistor)
DTA114GKA ROHM-DTA114GKA Datasheet
75Kb / 3P
   Digital transistors (built-in resistor)
More results

Similar Description - DTA114GKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144TE ROHM-DTC144TE_09 Datasheet
145Kb / 3P
   100mA / 50V Digital transistors (with built-in resistor)
DTC114GUA ROHM-DTC114GUA_09 Datasheet
140Kb / 3P
   100mA / 50V Digital transistors (with built-in resistor)
DTC124TE ROHM-DTC124TE_09 Datasheet
144Kb / 3P
   100mA / 50V Digital transistors (with built-in resistor)
DTA144TE ROHM-DTA144TE_09 Datasheet
144Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistor)
DTC125TUA ROHM-DTC125TUA_09 Datasheet
141Kb / 3P
   100mA / 50V Digital transistor (with built-in resistor)
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123EKAT146 ROHM-DTC123EKAT146 Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com