Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CEBA9F23C7N Datasheet(PDF) 5 Page - Altera Corporation

Part # 5CEBA9F23C7N
Description  Cyclone V Device Datasheet
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CEBA9F23C7N Datasheet(HTML) 5 Page - Altera Corporation

  5CEBA9F23C7N Datasheet HTML 1Page - Altera Corporation 5CEBA9F23C7N Datasheet HTML 2Page - Altera Corporation 5CEBA9F23C7N Datasheet HTML 3Page - Altera Corporation 5CEBA9F23C7N Datasheet HTML 4Page - Altera Corporation 5CEBA9F23C7N Datasheet HTML 5Page - Altera Corporation 5CEBA9F23C7N Datasheet HTML 6Page - Altera Corporation 5CEBA9F23C7N Datasheet HTML 7Page - Altera Corporation 5CEBA9F23C7N Datasheet HTML 8Page - Altera Corporation 5CEBA9F23C7N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Electrical Characteristics
Page 5
June 2013
Altera Corporation
Cyclone V Device Datasheet
Table 4 lists the transceiver power supply recommended operating conditions for
Cyclone V GX and GT devices.
Table 5 lists the steady-state voltage values expected from Cyclone V
system-on-a-chip (SoC) FPGA with ARM®-based hard processor system (HPS). Power
supply ramps must all be strictly monotonic, without plateaus.
tRAMP (4)
Power supply ramp time
Standard POR
200 µs
100 ms
Fast POR
200 µs
4 ms
Notes to Table 3:
(1) VCCPD must be 2.5 V when VCCIO is 2.5, 1.8, 1.5, 1.35, 1.25 or 1.2 V. VCCPD must be 3.0 V when VCCIO is 3.0 V. VCCPD must be 3.3 V when VCCIO
is 3.3 V.
(2) PLL digital voltage is regulated from VCCA_FPLL.
(3) If you do not use the design security feature in Cyclone V devices, connect VCCBAT to a 1.5-V, 2.5-V, or 3.0-V power supply. The power-on reset
(POR) circuitry monitors VCCBAT. Cyclone V devices do not exit POR if VCCBAT stays low.
(4) This is also applicable to HPS power supply. For HPS power supply, refer to tRAMP specifications for standard POR when HPS_PORSEL = 0 and
tRAMP specifications for fast POR when HPS_PORSEL = 1.
Table 3. Recommended Operating Conditions for Cyclone V Devices—Preliminary (Part 2 of 2)
Symbol
Description
Condition
Minimum
Typical
Maximum
Unit
Table 4. Transceiver Power Supply Operating Conditions for Cyclone V GX and GT Devices—Preliminary
Symbol
Description
Minimum
Typical
Maximum
Unit
VCCH_GXBL
Transceiver high voltage power (left side)
2.375
2.5
2.625
V
VCCE_GXBL (1), (2)
Transmitter and receiver power (left side)
1.07/1.17
1.1/1.2
1.13/1.23
V
VCCL_GXBL (1), (2)
Clock network power (left side)
1.07/1.17
1.1/1.2
1.13/1.23
V
Notes to Table 4:
(1) Altera recommends increasing the VCCE_GXBL and VCCL_GXBL typical value from 1.1 V to 1.2 V for Cyclone V GT FPGA systems which require full
compliance to the PCIe Gen2 transmit jitter specification. For more information about the maximum full duplex channels recommended in
Cyclone V GT and ST devices under this condition, refer to the Transceiver Protocol Configurations in Cyclone V Devices chapter.
(2) Altera recommends increasing the VCCE_GXBL and VCCL_GXBL typical value from 1.1 V to 1.2 V for full compliance to CPRI transmit jitter
specification at 4.9152 Gbps (Cyclone V GT and ST devices) and 6.144Gbps (Cyclone V GT devices only). For more information about the
maximum full duplex channels recommended in Cyclone V GT devices for CPRI 6.144 Gbps, refer to the Transceiver Protocol Configurations
in Cyclone V Devices chapter.
Table 5. HPS Power Supply Operating Conditions for Cyclone V SE, SX, and ST Devices (1)—Preliminary (Part 1 of 2)
Symbol
Description
Minimum
Typical
Maximum
Unit
VCC_HPS
HPS core voltage and periphery circuitry power
supply
1.07
1.1
1.13
V
VCCPD_HPS (2)
HPS I/O pre-driver (3.3 V) power supply
3.135
3.3
3.465
V
HPS I/O pre-driver (3.0 V) power supply
2.85
3.0
3.15
V
HPS I/O pre-driver (2.5 V) power supply
2.375
2.5
2.625
V
VCCIO_HPS
HPS I/O buffers (3.3 V) power supply
3.135
3.3
3.465
V
HPS I/O buffers (3.0 V) power supply
2.85
3.0
3.15
V
HPS I/O buffers (2.5 V) power supply
2.375
2.5
2.625
V
HPS I/O buffers (1.8 V) power supply
1.71
1.8
1.89
V
HPS I/O buffers (1.5 V) power supply
1.425
1.5
1.575
V
HPS I/O buffers (1.2 V) power supply
1.14
1.2
1.26
V


Similar Part No. - 5CEBA9F23C7N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
5CEBA9F23C7N INTEL-5CEBA9F23C7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
More results

Similar Description - 5CEBA9F23C7N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA2U19C8N ALTERA-5CEBA2U19C8N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
5CEFA7F23I7N ALTERA-5CEFA7F23I7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com