Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-343YC Datasheet(PDF) 6 Page - Rohm

Part # SLR-343YC
Description  Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343YC Datasheet(HTML) 6 Page - Rohm

  SLR-343YC Datasheet HTML 1Page - Rohm SLR-343YC Datasheet HTML 2Page - Rohm SLR-343YC Datasheet HTML 3Page - Rohm SLR-343YC Datasheet HTML 4Page - Rohm SLR-343YC Datasheet HTML 5Page - Rohm SLR-343YC Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SLR-343 Series
LED lamps
Electrical characteristic curves 4 (green)
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF (V)
Fig.21 Forward current vs.
forward voltage
Ta
=25°C
1.4
1.2
1.0
0.8
0.6
0.4
−20
0
20
40
60
80
Fig.22 Luminous intensity vs.
case temperature
CASE TEMPERATURE : TC (
°C)
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.1 0.2
0.5
1
2
510 20
50 100
5
FORWARD CURRENT : IF (mA)
Fig.23 Luminous intensity vs.
forward current
Ta
=25
°C
1
2
2.4
3
4
5
6
PULSE DURATION : tW (
µs)
10
520
50 10
2
10
3
10
4
Fig.24 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
Fig.25 Luminous intensity vs.
peak forward current
PEAK FORWARD CURRENT : IF peak (mA)
f
=1kHz
DC
DF=50%
15%
10%
5%
20%
20
10
0
20
30
40
50
60
70
80
90
30
AMBIENT TEMPERATURE : Ta (
°C)
Fig.26 Maximum forward current
vs. ambient temperature


Similar Part No. - SLR-343YC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343YC ROHM-SLR-343YC Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343YC ROHM-SLR-343YC Datasheet
164Kb / 5P
   Competent to direct mount
SLR-343YC ROHM-SLR-343YC Datasheet
176Kb / 5P
   SLR-343 Series
SLR-343YC ROHM-SLR-343YC Datasheet
164Kb / 5P
   Electrical Characteristics Curves
SLR-343YC ROHM-SLR-343YC Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
More results

Similar Description - SLR-343YC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
   Reflecting small LEDs, directly mountable (3.2 mm)
SLR-322 ROHM-SLR-322 Datasheet
207Kb / 6P
   Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)
SPR-325 ROHM-SPR-325 Datasheet
78Kb / 3P
   Directly mountable, two-color LEDs (過5.0 mm)
SPR-505 ROHM-SPR-505 Datasheet
77Kb / 3P
   Directly mountable, two-color LEDs (過5.0 mm)
logo
Isahaya Electronics Cor...
VLA553-01R ISAHAYA-VLA553-01R Datasheet
1Mb / 13P
   Directly mountable on the New?륪PD
VLA559-02R ISAHAYA-VLA559-02R Datasheet
1Mb / 13P
   Directly mountable on the Prime PACK
VLA553-02R ISAHAYA-VLA553-02R Datasheet
1Mb / 13P
   Directly mountable on the New?륪PD
logo
3M Electronics
61-5002-8098-9_HR 3M-61-5002-8098-9_HR Datasheet
4Mb / 58P
   Accessories for Surface Modification
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
   Efficiency up to 93%, no need for heatsinks
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
   Color LEDs that deliver the perfect amount of color you need. No More. No less.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com