Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V016SA10PHG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 71V016SA10PHG
Description  3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V016SA10PHG Datasheet(HTML) 1 Page - Integrated Device Technology

  71V016SA10PHG Datasheet HTML 1Page - Integrated Device Technology 71V016SA10PHG Datasheet HTML 2Page - Integrated Device Technology 71V016SA10PHG Datasheet HTML 3Page - Integrated Device Technology 71V016SA10PHG Datasheet HTML 4Page - Integrated Device Technology 71V016SA10PHG Datasheet HTML 5Page - Integrated Device Technology 71V016SA10PHG Datasheet HTML 6Page - Integrated Device Technology 71V016SA10PHG Datasheet HTML 7Page - Integrated Device Technology 71V016SA10PHG Datasheet HTML 8Page - Integrated Device Technology 71V016SA10PHG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
OCTOBER 2011
DSC-3834/11
1
©2011 Integrated Device Technology, Inc.
Features
64K x 16 advanced high-speed CMOS Static RAM
Equal access and cycle times
— Commercial:10/12/15/20ns
— Industrial:12/15/20ns
One Chip Select plus one Output Enable pin
Bidirectional data inputs and outputs directly
LVTTL-compatible
Low power consumption via chip deselect
Upper and Lower Byte Enable Pins
Single 3.3V power supply
Available in 44-pin Plastic SOJ, 44-pin TSOP, and
48-Ball Plastic FBGA packages
Description
TheIDT71V016isa1,048,576-bithigh-speedStaticRAMorganized
as64Kx16.ItisfabricatedusingIDT’shigh-perfomance,high-reliability
CMOStechnology.Thisstate-of-the-arttechnology,combinedwithinno-
vativecircuitdesigntechniques,providesacost-effectivesolutionforhigh-
speedmemoryneeds.
The IDT71V016 has an output enable pin which operates as fast
as 5ns, with address access times as fast as 10ns. All bidirectional
inputsandoutputsoftheIDT71V016areLVTTL-compatibleandoperation
is from a single 3.3V supply. Fully static asynchronous circuitry is used,
requiring no clocks or refresh for operation.
The IDT71V016 is packaged in a JEDEC standard 44-pin Plastic
SOJ, a 44-pin TSOP Type II, and a 48-ball plastic 7 x 7 mm FBGA.
Functional Block Diagram
Output
Enable
Buffer
Address
Buffers
Chip
Enable
Buffer
Write
Enable
Buffer
Byte
Enable
Buffers
OE
A0 –A15
Row / Column
Decoders
CS
WE
BHE
BLE
64K x 16
Memory
Array
Sense
Amps
and
Write
Drivers
16
Low
Byte
I/O
Buffer
8
8
8
8
I/O8
I/O15
I/O7
I/O0
3834 drw 01
High
Byte
I/O
Buffer
3.3V CMOS Static RAM
1 Meg (64K x 16-Bit)
IDT71V016SA


Similar Part No. - 71V016SA10PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
logo
Renesas Technology Corp
71V016SA10PHG RENESAS-71V016SA10PHG Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG8 IDT-71V016SA10PHG8 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
logo
Renesas Technology Corp
71V016SA10PHG8 RENESAS-71V016SA10PHG8 Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHGI IDT-71V016SA10PHGI Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
More results

Similar Description - 71V016SA10PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com