Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMC7448HX1700LD Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # KMC7448HX1700LD
Description  RISC Microprocessor Hardware Specifications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMC7448HX1700LD Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button KMC7448HX1700LD Datasheet HTML 3Page - Freescale Semiconductor, Inc KMC7448HX1700LD Datasheet HTML 4Page - Freescale Semiconductor, Inc KMC7448HX1700LD Datasheet HTML 5Page - Freescale Semiconductor, Inc KMC7448HX1700LD Datasheet HTML 6Page - Freescale Semiconductor, Inc KMC7448HX1700LD Datasheet HTML 7Page - Freescale Semiconductor, Inc KMC7448HX1700LD Datasheet HTML 8Page - Freescale Semiconductor, Inc KMC7448HX1700LD Datasheet HTML 9Page - Freescale Semiconductor, Inc KMC7448HX1700LD Datasheet HTML 10Page - Freescale Semiconductor, Inc KMC7448HX1700LD Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
7
Comparison with the MPC7447A, MPC7447, MPC7445, and MPC7441
Reliability and serviceability
— Parity checking on system bus
— Parity checking on the L1 caches and L2 data tags
— ECC or parity checking on L2 data
3
Comparison with the MPC7447A, MPC7447, MPC7445,
and MPC7441
Table 1 compares the key features of the MPC7448 with the key features of the earlier MPC7447A,
MPC7447, MPC7445, and MPC7441. All are based on the MPC7450 RISC microprocessor and are
architecturally very similar. The MPC7448 is identical to the MPC7447A, but the MPC7448 supports 1
Mbyte of L2 cache with ECC and the use of dynamic frequency switching (DFS) with more bus-to-core
ratios.
Table 1. Microarchitecture Comparison
Microarchitectural Specs
MPC7448
MPC7447A MPC7447 MPC7445 MPC7441
Basic Pipeline Functions
Logic inversions per cycle
18
Pipeline stages up to execute
5
Total pipeline stages (minimum)
7
Pipeline maximum instruction throughput
3 + branch
Pipeline Resources
Instruction buffer size
12
Completion buffer size
16
Renames (integer, float, vector)
16, 16, 16
Maximum Execution Throughput
SFX
3
Vector
2 (any 2 of 4 units)
Scalar floating-point
1
Out-of-Order Window Size in Execution Queues
SFX integer units
1 entry
× 3 queues
Vector units
In order, 4 queues
Scalar floating-point unit
In order
Branch Processing Resources
Prediction structures
BTIC, BHT, link stack
BTIC size, associativity
128-entry, 4-way
BHT size
2K-entry
Link stack depth
8
Unresolved branches supported
3
Branch taken penalty (BTIC hit)
1
Minimum misprediction penalty
6


Similar Part No. - KMC7448HX1700LD

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KMC7015 AITSEMI-KMC7015 Datasheet
236Kb / 1P
   TUNING FORK CRYSTAL
logo
KEC(Korea Electronics)
KMC7D0CN20C KEC-KMC7D0CN20C Datasheet
368Kb / 1P
   TSSOP-8 PACKAGE
KMC7D0CN20CA KEC-KMC7D0CN20CA Datasheet
598Kb / 5P
   Common N-Ch Trench MOSFET
KMC7D0CN20CA KEC-KMC7D0CN20CA Datasheet
66Kb / 5P
   Common N-Ch Trench MOSFET
KMC7D0CN20CA_0812 KEC-KMC7D0CN20CA_0812 Datasheet
66Kb / 5P
   Common N-Ch Trench MOSFET
More results

Similar Description - KMC7448HX1700LD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
MPC7448 FREESCALE-MPC7448 Datasheet
1Mb / 60P
   RISC Microprocessor Hardware Specifications
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com