Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAKMC332GCFC16 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # SPAKMC332GCFC16
Description  32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPAKMC332GCFC16 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button SPAKMC332GCFC16 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPAKMC332GCFC16 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPAKMC332GCFC16 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPAKMC332GCFC16 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPAKMC332GCFC16 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPAKMC332GCFC16 Datasheet HTML 11Page - Freescale Semiconductor, Inc SPAKMC332GCFC16 Datasheet HTML 12Page - Freescale Semiconductor, Inc SPAKMC332GCFC16 Datasheet HTML 13Page - Freescale Semiconductor, Inc SPAKMC332GCFC16 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
MOTOROLA
MC68332
10
MC68332TS/D
2 Signal Descriptions
2.1 Pin Characteristics
The following table shows MCU pins and their characteristics. All inputs detect CMOS logic levels. All
inputs can be put in a high-impedance state, but the method of doing this differs depending upon pin
function. Refer to the table, MCU Driver Types, for a description of output drivers. An entry in the dis-
crete I/O column of the MCU Pin Characteristics table indicates that a pin has an alternate I/O function.
The port designation is given when it applies. Refer to the MCU Block Diagram for information about
port organization.
Table 2 MCU Pin Characteristic
Pin
Mnemonic
Output
Driver
Input
Synchronized
Input
Hysteresis
Discrete
I/O
Port
Designation
ADDR23/CS10/ECLK
A
Y
N
O
ADDR[22:19]/CS[9:6]
A
Y
N
O
PC[6:3]
ADDR[18:0]
A
Y
N
AS
B
Y
N
I/O
PE5
AVEC
B
Y
N
I/O
PE2
BERR
BY
N
BG/CS1
B
BGACK/CS2
B
Y
N
BKPT/DSCLK
Y
Y
BR/CS0
BY
N
CLKOUT
A
CSBOOT
B
DATA[15:0]1
Aw
Y
N
DS
B
Y
N
I/O
PE4
DSACK1
B
Y
N
I/O
PE1
DSACK0
B
Y
N
I/O
PE0
DSI/IFETCH
AY
Y
DSO/IPIPE
A—
EXTAL2
Special
FC[2:0]/CS[5:3]
A
Y
N
O
PC[2:0]
FREEZE/QUOT
A
HALT
Bo
Y
N
IRQ[7:1]
B
Y
Y
I/O
PF[7:1]
MISO
Bo
Y
Y
I/O
PQS0
MODCLK1
B
Y
N
I/O
PF0
MOSI
Bo
Y
Y
I/O
PQS1
PCS0/SS
Bo
Y
Y
I/O
PQS3
PCS[3:1]
Bo
Y
Y
I/O
PQS[6:4]
R/W
AY
N
RESET
Bo
Y
Y
RMC
B
Y
N
I/O
PE3
RXD
N
N
SCK
Bo
Y
Y
I/O
PQS2
SIZ[1:0]
B
Y
N
I/O
PE[7:6]
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - SPAKMC332GCFC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SPAKMC332GCFC16 MOTOROLA-SPAKMC332GCFC16 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPAKMC332GCFC16 FREESCALE-SPAKMC332GCFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332GCFC16 FREESCALE-SPAKMC332GCFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332GCFC16 FREESCALE-SPAKMC332GCFC16 Datasheet
465Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
SPAKMC332GCFC16 FREESCALE-SPAKMC332GCFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
More results

Similar Description - SPAKMC332GCFC16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68LK332ACEH16 FREESCALE-MC68LK332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
   32-Bit Modular Microcontroller
Rev. 2
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331TS FREESCALE-MC68331TS Datasheet
616Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com