Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH30N6S2 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGH30N6S2
Description  600V, SMPS II Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH30N6S2 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGH30N6S2 Datasheet HTML 1Page - Fairchild Semiconductor FGH30N6S2 Datasheet HTML 2Page - Fairchild Semiconductor FGH30N6S2 Datasheet HTML 3Page - Fairchild Semiconductor FGH30N6S2 Datasheet HTML 4Page - Fairchild Semiconductor FGH30N6S2 Datasheet HTML 5Page - Fairchild Semiconductor FGH30N6S2 Datasheet HTML 6Page - Fairchild Semiconductor FGH30N6S2 Datasheet HTML 7Page - Fairchild Semiconductor FGH30N6S2 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
August 2003
FGH30N6S2 / FGP30N6S2 / FGB30N6S2 Rev. A1
FGH30N6S2 / FGP30N6S2 / FGB30N6S2
600V, SMPS II Series N-Channel IGBT
General Description
The FGH30N6S2, FGP30N6S2, and FGB30N6S2 are Low
Gate Charge, Low Plateau Voltage SMPS II IGBTs combin-
ing the fast switching speed of the SMPS IGBTs along with
lower gate charge and plateau voltage and avalanche capa-
bility (UIS). These LGC devices shorten delay times, and
reduce the power requirement of the gate drive. These de-
vices are ideally suited for high voltage switched mode pow-
er supply applications where low conduction loss, fast
switching times and UIS capability are essential. SMPS II
LGC devices have been specially designed for:
• Power Factor Correction (PFC) circuits
• Full bridge topologies
• Half bridge topologies
• Push-Pull circuits
• Uninterruptible power supplies
• Zero voltage and zero current switching circuits
Formerly Developmental Type TA49367.
Features
• 100kHz Operation at 390V, 14A
• 200kHZ Operation at 390V, 9A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . 90ns at TJ = 125oC
• Low Gate Charge . . . . . . . . . 23nC at VGE = 15V
• Low Plateau Voltage . . . . . . . . . . . . . 6.5V Typical
• UIS Rated . . . . . . . . . . . . . . . . . . . . . . . . . 150mJ
• Low Conduction Loss
Device Maximum Ratings T
C= 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
BVCES
Collector to Emitter Breakdown Voltage
600
V
IC25
Collector Current Continuous, TC = 25°C
45
A
IC110
Collector Current Continuous, TC = 110°C
20
A
ICM
Collector Current Pulsed (Note 1)
108
A
VGES
Gate to Emitter Voltage Continuous
±20
V
VGEM
Gate to Emitter Voltage Pulsed
±30
V
SSOA
Switching Safe Operating Area at TJ = 150°C, Figure 2
60A at 600V
EAS
Pulsed Avalanche Energy, ICE = 20A, L = 1.3mH, VDD = 50V
150
mJ
PD
Power Dissipation Total TC = 25°C
167
W
Power Dissipation Derating TC > 25°C
1.33
W/°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
TSTG
Storage Junction Temperature Range
-55 to 150
°C
CAUTION: Stresses above those listed in “Device Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. Pulse width limited by maximum junction temperature.
Package
Symbol
C
E
G
TO-247
E
C
G
TO-263AB
TO-220AB E
C
G
E
G
COLLECTOR
(Flange)
COLLECTOR
(Back-Metal)


Similar Part No. - FGH30N6S2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2 FAIRCHILD-FGH30N6S2_01 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
More results

Similar Description - FGH30N6S2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2_01 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2T FAIRCHILD-FGB30N6S2T Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH20N6S2 FAIRCHILD-FGH20N6S2 Datasheet
183Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH40N6S2 FAIRCHILD-FGH40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH60N6S2 FAIRCHILD-FGH60N6S2 Datasheet
175Kb / 8P
   600V, SMPS II Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com