Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPC8240RVV250E Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # XPC8240RVV250E
Description  Modified voltage specifications to achieve 250 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC8240RVV250E Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  XPC8240RVV250E Datasheet HTML 1Page - Freescale Semiconductor, Inc XPC8240RVV250E Datasheet HTML 2Page - Freescale Semiconductor, Inc XPC8240RVV250E Datasheet HTML 3Page - Freescale Semiconductor, Inc XPC8240RVV250E Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC8240RVV250E Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC8240RVV250E Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC8240RVV250E Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC8240RVV250E Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPC8240 Part Number Specification for the XPC8240RXXnnnx Series
5
Ordering Information
Notes:
1. The processor HID1 values only represent the multiplier of the processor’s PLL (memory-to-processor multiplier);
thus, multiple MPC8240 PLL_CFG[0:4] values may have the same processor HID1 value. This implies that system
software cannot read the HID1 register and associate it with a unique PLL_CFG[0:4] value.
2. PLL_CFG[0:4] settings not listed (00110, 01001, 01011, 01101, 01111, 10001, 10011, 10101, 10111, 11001, and
11011) are reserved.
3. In PLL bypass mode, the PCI_SYNC_IN input signal clocks the internal processor directly, the peripheral logic PLL
is disabled, and the bus mode is set for 1:1 (PCI:Mem) mode operation. This mode is intended for hardware modeling
support. The AC timing specifications given in this document do not apply in PLL bypass mode.
4. In clock-off mode, no clocking occurs inside the MPC8240 regardless of the PCI_SYNC_IN input.
5. Limited due to maximum memory VCO = 225 MHz.
6. Limited due to minimum CPU VCO = 200 MHz.
7. Limited due to minimum memory VCO = 100 MHz.
8. For clarity, range values are shown rounded down to the nearest whole number (decimal place accuracy removed).
9. Note that the 250-MHz part is available only in the XPC8240RZUnnnx number series.
1.9
Ordering Information
Ordering information for the parts fully covered by this specification document is provided in Section 1.9.1,
“Part Numbers Fully Addressed by This Document.”
5
00101
00110
Bypass
Bypass
2.5 (5)
7
00111
11000
Bypass
Bypass
3 (6)
8
01000
11000
33 6–56 5
33–56
100–168
1 (4)
3 (6)
A
01010
00111
25–27
50–55
225–250
2 (4)
4.5 (9)
C
01100
00110
25–50
50–100
125–250
2 (4)
2.5 (5)
E
01110
11000
25–41
50–83
150–250
2 (4)
3 (6)
10
10000
00100
25–33
75–100
150–200
3 (6)
2 (4)
12
10010
00100
33–66
50–100
100–200
1.5 (3)
2 (4)
14
10100
11110
25–35
50–71
175–250
2 (4)
3.5 (7)
16
10110
11010
25–31
50–62
200–250
2 (4)
4 (8)
18
11000
11000
25–33
62–83
186–250
2.5 (5)
3 (6)
1A
11010
11010
50 7–62
50–62
200–250
1 (2)
4 (8)
1C
11100
11000
33 7–55
50–83
150–250
1.5 (3)
3 (6)
1D
11101
00110
33 7–66
50–100
125–250
1.5 (3)
2.5 (5)
1E
11110
01111
Not usable
Off
Off
1F
11111
11111
Off
Off
Table 18. MPC8240 Microprocessor PLL Configurations (continued)
Ref.
No.
PLL_
CFG
[0:4] 2
CPU 1
HID1[0:4]
250-MHz Part 8, 9
Ratios 3, 4
PCI Clock Input
(PCI_SYNC_IN)
Range (MHz)
Peripheral
Logic/Mem
Bus Clock Range
(MHz)
CPU Clock
Range
(MHz)
PCI to Mem
(Mem VCO)
Multiplier
Mem to CPU
(CPU VCO)
Multiplier
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - XPC8240RVV250E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
XPC8240LZU200E FREESCALE-XPC8240LZU200E Datasheet
1Mb / 8P
   MPC8240 Part Number Specification for the XPC8240RXXnnnx Series
More results

Similar Description - XPC8240RVV250E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2386 STMICROELECTRONICS-AN2386 Datasheet
846Kb / 30P
   How to achieve the threshold voltage thermal coefficient
logo
Skyworks Solutions Inc.
SI515 SKYWORKS-SI515 Datasheet
1Mb / 24P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
   10 TO 250 MHz CASCADABLE AMPLIFIER
A83-1 MACOM-A83-1 Datasheet
106Kb / 1P
   10 TO 250 MHz CASCADABLE AMPLIFIER
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A70-1 MACOM-A70-1 Datasheet
356Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
A74-1 MACOM-A74-1 Datasheet
352Kb / 2P
   Cascadable Amplifier 5 to 250 MHz
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
A181 MA-COM-A181 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com