Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLF1608D47NMT Datasheet(PDF) 5 Page - TDK Electronics

Part # MLF1608D47NMT
Description  Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1608D47NMT Datasheet(HTML) 5 Page - TDK Electronics

  MLF1608D47NMT Datasheet HTML 1Page - TDK Electronics MLF1608D47NMT Datasheet HTML 2Page - TDK Electronics MLF1608D47NMT Datasheet HTML 3Page - TDK Electronics MLF1608D47NMT Datasheet HTML 4Page - TDK Electronics MLF1608D47NMT Datasheet HTML 5Page - TDK Electronics MLF1608D47NMT Datasheet HTML 6Page - TDK Electronics MLF1608D47NMT Datasheet HTML 7Page - TDK Electronics MLF1608D47NMT Datasheet HTML 8Page - TDK Electronics MLF1608D47NMT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
• All specifications are subject to change without notice.
(4/9)
001-05 / 20111129 / e511_mlf_02
Inductors for Standard Circuits
Multilayer/STD • Magnetic Shielded
MLF Series MLF1608
FEATURES
• High-reliability monolithic structure.
• Ferrite core and magnetic shielding enables the design of com-
pact circuits with high density mounting.
• Excellent solderability and high heat resistance permits either
flow or reflow soldering.
• The products contain no lead and also support lead-free
soldering.
• It is a product conforming to RoHS directive.
APPLICATIONS
Digital cellular phone, tuner, personal computers, audio, or various
electronic appliances
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Type name
(4) Inductance
(5) Tolerance
(6) Packaging style
(7) TDK internal code
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the tempera-
ture difference between the solder temperature and product
temperature does not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• The inductance value may change due to magnetic saturation if
the current exceeds the rated maximum.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
Conformity to RoHS Directive
Operating temperature range
–40 to +85°C
Storage temperature range
–40 to +85°C(After mount)
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
MLF 1608
A 1R0
K
T
(1)
(2)
(3)
(4)
(5) (6)
(7)
1608
1.6
×0.8mm
47N
47nH[0.047
µH]
R15
0.15
µH
1R0
1
µH
K
±10%
M
±20%
T
Taping [reel]
Packaging style
Quantity
Taping
4000 pieces/reel
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - MLF1608D47NMT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608D47NMT TDK-MLF1608D47NMT Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1608D47NMT000 TDK-MLF1608D47NMT000 Datasheet
150Kb / 11P
   Multilayer Ferrite
MLF1608D47NMTA00 TDK-MLF1608D47NMTA00 Datasheet
150Kb / 11P
   Multilayer Ferrite
MLF1608D47NMTA00 TDK-MLF1608D47NMTA00 Datasheet
143Kb / 3P
   Inductors (Coils)
MLF1608D47NMTD00 TDK-MLF1608D47NMTD00 Datasheet
150Kb / 11P
   Multilayer Ferrite
More results

Similar Description - MLF1608D47NMT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLM10555-2 TDK-VLM10555-2 Datasheet
90Kb / 4P
   Inductors for Power Supply Circuit Wound/STD ??magnetic shielded
CLF7045T-220M TDK-CLF7045T-220M Datasheet
132Kb / 5P
   Wound/STD ??magnetic shielded
MLF1608E120J TDK-MLF1608E120J Datasheet
335Kb / 24P
   Inductors for Standard Circuits Multilayer Ferrite
MLF1005 TDK-MLF1005_13 Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com