Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL453232T-180J-PF Datasheet(PDF) 3 Page - TDK Electronics

Part # NL453232T-180J-PF
Description  Inductors for Standard Circuits Wound Ferrite
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL453232T-180J-PF Datasheet(HTML) 3 Page - TDK Electronics

  NL453232T-180J-PF Datasheet HTML 1Page - TDK Electronics NL453232T-180J-PF Datasheet HTML 2Page - TDK Electronics NL453232T-180J-PF Datasheet HTML 3Page - TDK Electronics NL453232T-180J-PF Datasheet HTML 4Page - TDK Electronics NL453232T-180J-PF Datasheet HTML 5Page - TDK Electronics NL453232T-180J-PF Datasheet HTML 6Page - TDK Electronics NL453232T-180J-PF Datasheet HTML 7Page - TDK Electronics NL453232T-180J-PF Datasheet HTML 8Page - TDK Electronics NL453232T-180J-PF Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
(2/12)
INDUC
T
O
RS
001-01 / 20130516 / e511_nl.fm
• All specifications are subject to change without notice.
Inductors for Standard Circuits
Wound Ferrite
FEATURES
Resin mold type wound inductor for standard circuits.
1 to 10000µH, E-12 Series, wide lineup compatible with J (±5%) tolerance, can be used for applications that need to meet strict L
tolerance such as filter circuits.
Has excellent inductance temperature characteristics in the operating temperature range.
APPLICATION
Smart meters, AV equipment, xDSL, electronic devices for communications infrastructure such as mobile base stations, industrial
equipment, other
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Compatible with lead-free solders
Overview of the NL Series
NL
453232
T
-
1R0
J
-
PF
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Internal code
(mm)
(µH)
453232
4.5×3.2×3.2
T
Taping
1R0
1
J
±5%
565050
5.6×5.0×5.0
100
10
101
100
102
1000
103
10000
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
NL453232
–40 to +105
–40 to +105
500
180
NL565050
–40 to +105
–40 to +105
400
380
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/


Similar Part No. - NL453232T-180J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL453232T-180J-PF TDK-NL453232T-180J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NL453232T-180J-PF TDK-NL453232T-180J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NL453232T-180J-PF TDK-NL453232T-180J-PF Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-180J-PF TDK-NL453232T-180J-PF Datasheet
168Kb / 3P
   Inductors (Coils)
More results

Similar Description - NL453232T-180J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-1R8J-PF TDK-NLV25T-1R8J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-010J-PF TDK-NLV25T-010J-PF_15 Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-100J-PF TDK-NL453232T-100J-PF_15 Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV32T-022J-PFD TDK-NLV32T-022J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-047J-PF TDK-NLV25T-047J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com