Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGB30N6S2D Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FGB30N6S2D
Description  600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB30N6S2D Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FGB30N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 9Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 10Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 11Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
FGH30N6S2D / FGP30N6S2D / FGB30NS2D Rev. A
Handling Precautions for IGBTs
Insulated Gate Bipolar Transistors are susceptible to
gate-insulation damage by the electrostatic
discharge of energy through the devices. When
handling these devices, care should be exercised to
assure that the static charge built in the handler’s
body capacitance is not discharged through the
device. With proper handling and application
procedures, however, IGBTs are currently being
extensively used in production by numerous
equipment manufacturers in military, industrial and
consumer applications, with virtually no damage
problems due to electrostatic discharge. IGBTs can
be handled safely if the following basic precautions
are taken:
1. Prior to assembly into a circuit, all leads should be
kept shorted together either by the use of metal
shorting springs or by the insertion into conduc-
tive material such as “ECCOSORBD™ LD26” or
equivalent.
2. When devices are removed by hand from their
carriers, the hand being used should be
grounded by any suitable means - for example,
with a metallic wristband.
3. Tips of soldering irons should be grounded.
4. Devices should never be inserted into or removed
from circuits with power on.
5. Gate Voltage Rating - Never exceed the gate-
voltage rating of VGEM. Exceeding the rated VGE
can result in permanent damage to the oxide
layer in the gate region.
6. Gate Termination - The gates of these devices
are essentially capacitors. Circuits that leave the
gate open-circuited or floating should be avoided.
These conditions can result in turn-on of the
device due to voltage buildup on the input
capacitor due to leakage currents or pickup.
7. Gate Protection - These devices do not have an
internal monolithic Zener diode from gate to
emitter. If gate protection is required an external
Zener is recommended.
Operating Frequency Information
Operating frequency information for a typical device
(Figure 3) is presented as a guide for estimating
device performance for a specific application. Other
typical frequency vs collector current (ICE) plots are
possible using the information shown for a typical
unit in Figures 5, 6, 7, 8, 9 and 11. The operating
frequency plot (Figure 3) of a typical device shows
fMAX1 or fMAX2; whichever is smaller at each point.
The information is based on measurements of a
typical device and is bounded by the maximum rated
junction temperature.
fMAX1 is defined by fMAX1 = 0.05/(td(OFF)I+ td(ON)I).
Deadtime (the denominator) has been arbitrarily held
to 10% of the on-state time for a 50% duty factor.
Other definitions are possible. td(OFF)I and td(ON)I are
defined in Figure 27. Device turn-off delay can
establish an additional frequency limiting condition
for an application other than TJM. td(OFF)I is important
when controlling output ripple under a lightly loaded
condition.
fMAX2 is defined by fMAX2 = (PD - PC)/(EOFF + EON2).
The allowable dissipation (PD) is defined by
PD =(TJM -TC)/RθJC. The sum of device switching
and conduction losses must not exceed PD. A 50%
duty factor was used (Figure 3) and the conduction
losses (PC) are approximated by PC =(VCE xICE)/
2.
EON2 and EOFF are defined in the switching
waveforms shown in Figure 27. EON2 is the integral
of the instantaneous power loss (ICE x VCE) during
turn-on and EOFF is the integral of the instantaneous
power loss (ICE xVCE) during turn-off. All tail losses
are included in the calculation for EOFF; i.e., the
collector current equals zero (ICE = 0)
ECCOSORBD
 is a Trademark of Emerson and Cumming, Inc.


Similar Part No. - FGB30N6S2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGB30N6S2D FAIRCHILD-FGB30N6S2D Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Similar Description - FGB30N6S2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com