Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH40N6S2D Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGH40N6S2D
Description  600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH40N6S2D Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGH40N6S2D Datasheet HTML 1Page - Fairchild Semiconductor FGH40N6S2D Datasheet HTML 2Page - Fairchild Semiconductor FGH40N6S2D Datasheet HTML 3Page - Fairchild Semiconductor FGH40N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGH40N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGH40N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGH40N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGH40N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGH40N6S2D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FGH40N6S2D RevA4
Typical Performance Curves T
J = 25°C unless otherwise noted
Figure 1. DC Collector Current vs Case
Temperature
Figure 2. Minimum Switching Safe Operating Area
Figure 3. Operating Frequency vs Collector to
Emitter Current
Figure 4. Short Circuit Withstand Time
Figure 5. Collector to Emitter On-State Voltage
Figure 6. Collector to Emitter On-State Voltage
TC, CASE TEMPERATURE (
oC)
50
10
0
20
25
75
100
125
150
90
40
60
30
50
PACKAGE LIMITED
80
70
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
700
0
300
400
200
100
500
600
0
50
75
25
125
TJ = 150
oC, R
G = 3Ω, VGE = 15V, L = 100µH
100
1
ICE, COLLECTOR TO EMITTER CURRENT (A)
1
100
60
10
30
1000
10
TJ = 125
oC, R
G = 3Ω, L = 200µH, V CE = 390V
fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RθJC = 0.27
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON2 + EOFF)
TC = 75oC
VGE = 10V
VGE = 15V
VGE, GATE TO EMITTER VOLTAGE (V)
911
12
15
9
5
300
500
tSC
ISC
450
13
14
11
13
7
250
350
400
10
16
3
VCE = 390V, RG = 3Ω, TJ = 125
oC
0.0
0.4
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
5
10
0.6
1.2
1.4
20
15
40
TJ = 25
oC
0.2
25
0.8
1.0
TJ = 125
oC
TJ = 150
oC
DUTY CYCLE < 0.5%, VGE =10V
PULSE DURATION = 250
µs
35
30
1.6
1.8
2.0
2.2
2.4
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
DUTY CYCLE < 0.5%, VGE =15V
PULSE DURATION = 250
µs
TJ = 150
oC
TJ = 25
oC
TJ = 125
oC
0
5
10
20
15
40
25
35
30
0.0
0.4
0.6
1.2
1.4
0.2
0.8
1.0
1.6
1.8
2.0
2.2
2.4


Similar Part No. - FGH40N6S2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N6S2 FAIRCHILD-FGH40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
More results

Similar Description - FGH40N6S2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com