Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10TD1-24A Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CP10TD1-24A
Description  DIP-CIB
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CP10TD1-24A Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CP10TD1-24A Datasheet HTML 1Page - Powerex Power Semiconductors CP10TD1-24A Datasheet HTML 2Page - Powerex Power Semiconductors CP10TD1-24A Datasheet HTML 3Page - Powerex Power Semiconductors CP10TD1-24A Datasheet HTML 4Page - Powerex Power Semiconductors CP10TD1-24A Datasheet HTML 5Page - Powerex Power Semiconductors CP10TD1-24A Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DIP-CIB
3Ø Converter + 3Ø Inverter + Brake
10 Amperes/1200 Volts
CP10TD1-24A
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
1
Rev. 04/06
Description:
DIP-CIBs are low profile, thermally
efficient, transfer mold modules.
Each module consists of a three-
phase diode converter section, a
three-phase inverter section and
a brake circuit. Open emitters allow
the designer to sense the current
in each phase leg for accurate
and low cost current sensing. A
thermistor is included in the
package for sensing the base-
plate temperature. 5th Generation
CSTBT chips yield low loss. The
module is completely Pb-Free
and hence RoHS compliant.
Features:
£
Compact Package
£
Only 5.7mm Thick
£
One Package for Entire Family
£
Thermistor
£
Open Emitters
Applications:
£
AC Motor Control
£
Servo Motors
£
Robotics
£
HVAC Inverters
Ordering Information:
CP10TD1-24A is a 1200 Volt,
10 Ampere DIP-CIB module.
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
2.68
68.0
B
1.73
44.0
C
0.58±0.02
14.7±0.5
D
3.1
79.0
E
2.83
72.0
F
0.16±0.01
4.0±0.3
G
2.83±0.01
72.0±0.3
H
0.08±0.01
2.0±0.3
J
0.2±0.008
5.0±0.2
K
0.87
22.0
L
0.96±0.01
24.3±0.3
M
0.94±0.02
23.9±0.5
N
1.14
29.0
P
0.098
2.5
Q
0.22±0.02
5.7±0.5
R
0.18
4.5
Dimensions
Inches
Millimeters
S
0.04±0.008
1.0±0.2
T
0-5°
0-5°
U
0 Min.
0 Min.
V
W
0.04
1.1
X
0.02 Max.
0.5 Max.
Y
0.06
1.6
Z
0.023±0.008
0.6±0.2
AA
0.08 Dia.
2.0 Dia.
AB
0.1 Dia.
2.5 Dia.
AC
0.03 Deep
0.8 Deep
AD
0.057
1.45
AE
0.023
0.6
AF
0.04
1.1
AG
0.02±0.008
0.5±0.2
����������
����������
����������
����������
����������
����������
����������
����������
����������
����������
���������
����������
���������
������������
���������
���������
���������
���������
�������������
�������������
������������
��
�������
��
��
��
��
��
�����
�������
� �
��
��
��
�� �� �� �� �� �� ��
��
��
��
��
�� ��
��
��������
����
��� ��
��� ��
��� �
��� �
��� ���
��� ���
��� ���
��� ���
��� ���
�������
�����
��������
�����
�����
�����
�����
�����
�������
�����
�������
�����
�������
�����
�����
�����
�����
����
� ��
��
���������������
��
��
��
��
��
��
��
��
��


Similar Part No. - CP10TD1-24A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CP10 LSTD-CP10 Datasheet
525Kb / 2P
   Precise Temperature Control
CP10-127-06 LSTD-CP10-127-06 Datasheet
218Kb / 3P
   Compact geometric sizes
CP10-63-05 LSTD-CP10-63-05 Datasheet
246Kb / 3P
   No sound or vibration
CP10-63-06 LSTD-CP10-63-06 Datasheet
234Kb / 2P
   Compact geometric sizes
logo
CUI INC
CP10-M CUI-CP10-M Datasheet
1Mb / 9P
   PELTIER MODULE
07/08/2020
More results

Similar Description - CP10TD1-24A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CP30TD1-12A POWEREX-CP30TD1-12A Datasheet
325Kb / 6P
   DIP-CIB 30 Amperes/600 Volts
CP20TD1-12A POWEREX-CP20TD1-12A Datasheet
327Kb / 6P
   DIP-CIB 20 Amperes/600 Volts
CP25TD1_24A POWEREX-CP25TD1_24A Datasheet
342Kb / 6P
   DIP-CIB 30Converter 30Inverter Brake 25 Amperes 1200Volts
CP15TD1-24A POWEREX-CP15TD1-24A Datasheet
447Kb / 6P
   DIP-CIB 3Ø Converter 3Ø Inverter Brake 15 Amperes/1200 Volts
01/06
CP30TD1_12A POWEREX-CP30TD1_12A Datasheet
325Kb / 6P
   DIP-CIB 30 Converter 30 Inverter Brake 30 Amperes 600 Volts
CM100MX-12A POWEREX-CM100MX-12A Datasheet
788Kb / 7P
   NX-Series CIB Module
logo
Samsung semiconductor
CIB21P260NE SAMSUNG-CIB21P260NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
logo
ON Semiconductor
NXH35C120L2C2SG ONSEMI-NXH35C120L2C2SG Datasheet
277Kb / 9P
   TMPIM 35 A CIB/CI Module
February, 2020 ??Rev. P2
NXH35C120L2C2ESG ONSEMI-NXH35C120L2C2ESG_V01 Datasheet
615Kb / 9P
   TMPIM 35 A Enhances CIB Module
October, 2020 - Rev. 1
NXH50C120L2C2ESG ONSEMI-NXH50C120L2C2ESG_V01 Datasheet
420Kb / 12P
   TMPIM 50 A CIB/CI Module
October, 2020 - Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com