Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLF1608DR18KT Datasheet(PDF) 6 Page - TDK Electronics

Part # MLF1608DR18KT
Description  Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1608DR18KT Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLF1608DR18KT Datasheet HTML 2Page - TDK Electronics MLF1608DR18KT Datasheet HTML 3Page - TDK Electronics MLF1608DR18KT Datasheet HTML 4Page - TDK Electronics MLF1608DR18KT Datasheet HTML 5Page - TDK Electronics MLF1608DR18KT Datasheet HTML 6Page - TDK Electronics MLF1608DR18KT Datasheet HTML 7Page - TDK Electronics MLF1608DR18KT Datasheet HTML 8Page - TDK Electronics MLF1608DR18KT Datasheet HTML 9Page - TDK Electronics MLF1608DR18KT Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
• All specifications are subject to change without notice.
(5/9)
001-05 / 20111129 / e511_mlf_02
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
47N means for 47nH (0.047µH).
• Test equipment
Inductance, Q: Ag4294A-16034G
Inductance
(µH)
Inductance
tolerance
Q
Test
frequency
L, Q (MHz)
Test
current
L, Q (mA)
Self-resonant
frequency (MHz)
DC resistance
(
Ω )
Rated current
(mA)max.
Part No.
min. typ.
min.
typ.
max.
typ.
0.047
±20%
10
20
50
1.0
600
900
0.20
0.10
200
MLF1608D47NMT
0.068
±20%
10
20
50
1.0
550
700
0.30
0.15
200
MLF1608D68NMT
0.082
±20%
10
20
50
1.0
500
650
0.30
0.15
200
MLF1608D82NMT
0.1
±10%
15
25
25
1.0
450
600
0.35
0.20
200
MLF1608DR10KT
0.12
±10%
15
25
25
1.0
400
550
0.40
0.20
200
MLF1608DR12KT
0.15
±10%
15
25
25
1.0
350
500
0.45
0.25
200
MLF1608DR15KT
0.18
±10%
15
25
25
1.0
320
450
0.50
0.25
150
MLF1608DR18KT
0.22
±10%
15
25
25
1.0
290
400
0.55
0.30
150
MLF1608DR22KT
0.27
±10%
15
25
25
1.0
260
350
0.60
0.35
150
MLF1608DR27KT
0.33
±10%
15
25
25
1.0
230
320
0.75
0.40
100
MLF1608DR33KT
0.39
±10%
15
25
25
1.0
210
290
0.85
0.45
100
MLF1608DR39KT
0.47
±10%
15
30
25
1.0
190
260
0.95
0.50
100
MLF1608DR47KT
0.56
±10%
15
30
25
1.0
170
230
1.05
0.55
100
MLF1608DR56KT
0.68
±10%
15
30
25
1.0
150
210
1.25
0.65
70
MLF1608DR68KT
0.82
±10%
15
30
25
1.0
130
190
1.40
0.75
70
MLF1608DR82KT
1
±10%
35
50
10
1.0
120
170
0.50
0.25
50
MLF1608A1R0KT
1.2
±10%
35
50
10
1.0
110
150
0.65
0.25
50
MLF1608A1R2KT
1.5
±10%
35
55
10
1.0
100
140
0.70
0.30
50
MLF1608A1R5KT
1.8
±10%
35
55
10
1.0
90
130
0.85
0.35
50
MLF1608A1R8KT
2.2
±10%
35
55
10
1.0
80
120
1.00
0.45
30
MLF1608A2R2KT
2.7
±10%
35
55
10
1.0
70
110
1.15
0.50
30
MLF1608A2R7KT
3.3
±10%
35
60
10
1.0
65
100
1.30
0.55
30
MLF1608A3R3KT
3.9
±10%
35
60
10
1.0
60
90
1.45
0.65
30
MLF1608A3R9KT
4.7
±10%
35
60
10
1.0
55
80
1.60
0.75
30
MLF1608A4R7KT
5.6
±10%
35
60
4
0.1
45
70
1.10
0.55
15
MLF1608E5R6KT
6.8
±10%
35
60
4
0.1
40
60
1.30
0.65
15
MLF1608E6R8KT
8.2
±10%
35
60
4
0.1
35
55
1.50
0.80
10
MLF1608E8R2KT
10
±10%
30
55
2
0.1
30
50
1.70
1.00
10
MLF1608E100KT
12
±10%
30
55
2
0.1
25
45
1.80
1.20
10
MLF1608E120KT
15
±10%
20
40
1
0.1
22
42
1.50
0.80
2
MLF1608C150KT
18
±10%
20
40
1
0.1
20
40
1.60
0.85
2
MLF1608C180KT
22
±10%
20
40
1
0.1
18
38
1.70
0.90
2
MLF1608C220KT
27
±10%
20
40
1
0.1
15
35
1.80
1.20
2
MLF1608C270KT
33
±10%
20
40
1
0.1
10
30
2.20
1.40
2
MLF1608C330KT
0.3
±0.2
1.6
±0.15
0.8
0.6
0.6
Dimensions in mm
Weight: 4mg


Similar Part No. - MLF1608DR18KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608DR18KT TDK-MLF1608DR18KT Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1608DR18KTA00 TDK-MLF1608DR18KTA00 Datasheet
144Kb / 3P
   Inductors (Coils)
MLF1608DR18KTD25 TDK-MLF1608DR18KTD25 Datasheet
204Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLF1608DR18KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLM10555-2 TDK-VLM10555-2 Datasheet
90Kb / 4P
   Inductors for Power Supply Circuit Wound/STD ??magnetic shielded
CLF7045T-220M TDK-CLF7045T-220M Datasheet
132Kb / 5P
   Wound/STD ??magnetic shielded
MLF1608E120J TDK-MLF1608E120J Datasheet
335Kb / 24P
   Inductors for Standard Circuits Multilayer Ferrite
MLF1005 TDK-MLF1005_13 Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com