Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL0709S2-1R0M5R0-PF Datasheet(PDF) 1 Page - TDK Electronics

Part # TSL0709S2-1R0M5R0-PF
Description  Inductors For Power Line Radial Televisions, VCRs, personal computers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TSL0709S2-1R0M5R0-PF Datasheet(HTML) 1 Page - TDK Electronics

  TSL0709S2-1R0M5R0-PF Datasheet HTML 1Page - TDK Electronics TSL0709S2-1R0M5R0-PF Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• All specifications are subject to change without notice.
(1/2)
002-05 / 20050831 / e532_tsl0709.fm
Inductors
TSL Series TSL0709 Type
For Power Line
Radial
FEATURES
• The TSL series feature low DC resistance and high current han-
dling capacities, making them ideal for power supply line appli-
cations.
• These parts are manufactured to a high degree of dimensional
accuracy using non-flammable material (UL94V-0).
• Available in tape packaging to support automated mounting
machines.
• This product conforms to the standards that are slated to be
introduced under the RoHS Directive.
APPLICATIONS
Televisions, VCRs, personal computers, and other electronic
equipments.
SPECIFICATIONS
PRODUCT IDENTIFICATION
(1)Series name
(2)Dimensions
(3)Packaging style
(4)Inductance value
(5)Inductance tolerance
(6)Rated current
(7)Lead-free compatible product
PACKAGING STYLE AND QUANTITIES
Operating temperature range
–20 to +85°C
[Including self-temperature rise]
Storage temperature range
–40 to +85°C[Unit of products]
Terminal tensile strength
9.8N min.
Flow soldering condition
260°C /10 seconds
TSL 0709 RA- 1R0 M 5R0 - PF
(1)
(2)
(3)
(4) (5) (6)
(7)
0709
ø7.7
×9.5mm (lead pitch 5mm)
RA
Taping(Ammo-pack)
SBulk
1R0
1
µH
100
10
µH
K±10%
M±20%
5R0
5A
R66
0.66A
PF
Lead-free compatible product
Packaging style
Quantity
Taping
(Ammo-pack)
1000 pieces/box
Bulk
500 pieces/10tray
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - TSL0709S2-1R0M5R0-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL0709S ETC-TSL0709S Datasheet
62Kb / 2P
   Inductors For Power Line Radial
More results

Similar Description - TSL0709S2-1R0M5R0-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TSL1112RA-220K2R9-PF TDK-TSL1112RA-220K2R9-PF Datasheet
41Kb / 3P
   Televisions, VCRs, personal computers, and other electronic equipments.
logo
Dialog Semiconductor
SLG46120 DIALOG-SLG46120 Datasheet
878Kb / 92P
   Personal Computers and Servers
SLG46170 DIALOG-SLG46170 Datasheet
616Kb / 87P
   Personal Computers and Servers
SLG46722 DIALOG-SLG46722 Datasheet
412Kb / 83P
   Personal Computers and Servers
SLG46121 DIALOG-SLG46121 Datasheet
936Kb / 98P
   Personal Computers and Servers
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
logo
TDK Electronics
TSL1112RA-101K1R4-PF TDK-TSL1112RA-101K1R4-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL1315RA-222JR55-PF TDK-TSL1315RA-222JR55-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
TSL0808RA-101KR80-PF TDK-TSL0808RA-101KR80-PF Datasheet
45Kb / 2P
   For Power Line Radial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com