Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR-M1005C080MBACB Datasheet(PDF) 6 Page - TDK Electronics

Part # AVR-M1005C080MBACB
Description  Chip Varistors Countermeasure for surge voltage and static electricity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1005C080MBACB Datasheet(HTML) 6 Page - TDK Electronics

Back Button AVR-M1005C080MBACB Datasheet HTML 2Page - TDK Electronics AVR-M1005C080MBACB Datasheet HTML 3Page - TDK Electronics AVR-M1005C080MBACB Datasheet HTML 4Page - TDK Electronics AVR-M1005C080MBACB Datasheet HTML 5Page - TDK Electronics AVR-M1005C080MBACB Datasheet HTML 6Page - TDK Electronics AVR-M1005C080MBACB Datasheet HTML 7Page - TDK Electronics AVR-M1005C080MBACB Datasheet HTML 8Page - TDK Electronics AVR-M1005C080MBACB Datasheet HTML 9Page - TDK Electronics AVR-M1005C080MBACB Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(5/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
AVRL TYPE
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Maximum continuous voltage
(4) Capacitance
(5) Capacitance tolerance
(6) Packaging style
(7) Varistor voltage and TDK internal code
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PAT-
TERN
Dimensions in mm
Dimensions in mm
ELECTRICAL CHARACTERISTICS
: Packaging style(T: Taping/B: Bulk)
TERMINOLOGY
AVRL 10 1A 3R3
F
T
A
(1)
(2) (3)
(4)
(5) (6) (7)
10
1.0
×0.5mm
16
1.6
×0.8mm
1A
10Vdc
1R1
1.1pF
3R3
3.3pF
6R8
6.8pF
N
±0.3pF
F±1pF
G±2pF
TTaping
BBulk
Type
L
W
T
B min.
Weight
(mg)typ.
1005
1.0±0.05
0.5±0.05
0.5±0.05
0.1
1.2
1608
1.6±0.1
0.8±0.1
0.8±0.1
0.2
5
Type
abc
1005
0.3 to 0.5
0.35 to 0.45
0.4 to 0.6
1608
0.6 to 0.8
0.6 to 0.8
0.6 to 0.8
L
B
a
b
b
Part No.
Capacitance
C(pF)
[1MHz, 1Vrms]
Maximum continuous voltage
(Rated voltage)
Vdc(V)
Insulation resistance
Rdc(M
Ω)
[3Vrms]
Varistor voltage
V1mA(V)[DC1mA]
Packaging quantities
(Taping)
(pieces/reel)
1005 type
AVRL101A1R1N
A
1.1[0.8 to 1.4]
10 max.
10 min.
90 typ.
10,000
AVRL101A1R1N
B
1.1[0.8 to 1.4]
10 max.
10 min.
39 typ.
AVRL101C2R2D
A
2.2[1.7 to 2.7]
16 max.
10 min.
90 typ.
AVRL101A3R3F
A
3.3[2.3 to 4.3]
10 max.
10 min.
27 typ.
AVRL101A6R8G
A
6.8[4.8 to 8.8]
10 max.
10 min.
27 typ.
1608 type
AVRL161A1R1N
A
1.1[0.8 to 1.4]
10 max.
10 min.
90 typ.
4,000
AVRL161A1R1N
B
1.1[0.8 to 1.4]
10 max.
10 min.
39 typ.
AVRL161A3R3F
A
3.3[2.3 to 4.3]
10 max.
10 min.
27 typ.
AVRL161A6R8G
A
6.8[4.8 to 8.8]
10 max.
10 min.
27 typ.
Item
Unit
Terminology
Capacitance
C
(pF)
Capacitance measured at 1MHz of oscillator frequency and 1Vrms
of oscillator voltage.
Maximum continuous
voltage (Rated voltage)
Vdc
(V)
Maximum DC voltage that can be applied continuously.
Varistor leakage current: 50µA max.
(Within the range of maximum allowable circuit voltage)
Insulation resistance
Rdc
(M
Ω )
Insulation resistance appearing across the varistor when specified
voltage is applied.
Varistor voltage
(Breakdown voltage)
V1mA
(V)
Voltage measured across the varistor when DC1mA is applied.


Similar Part No. - AVR-M1005C080MBACB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M1005C080M TDK-AVR-M1005C080M Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1005C080MTAAB TDK-AVR-M1005C080MTAAB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
AVR-M1005C080MTAAB TDK-AVR-M1005C080MTAAB Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
AVR-M1005C080MTABB TDK-AVR-M1005C080MTABB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
AVR-M1005C080MTABB TDK-AVR-M1005C080MTABB Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
More results

Similar Description - AVR-M1005C080MBACB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVRL101A6R8GTA TDK-AVRL101A6R8GTA Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
   Countermeasure for surge voltage and static electricity
AVRL101A1R1NTB TDK-AVRL101A1R1NTB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
logo
Vishay Siliconix
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
logo
TDK Electronics
MPZ1005-E TDK-MPZ1005-E Datasheet
212Kb / 6P
   Chip beads For power line GHz noise countermeasure
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
TDK Electronics
AVR TDK-AVR Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
MPZ1005-V TDK-MPZ1005-V Datasheet
174Kb / 4P
   Chip beads For power line High GHz noise countermeasure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com