Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLF1608DR27KT Datasheet(PDF) 3 Page - TDK Electronics

Part # MLF1608DR27KT
Description  Inductors for Standard Circuits Multilayer Ferrite MLFseries
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1608DR27KT Datasheet(HTML) 3 Page - TDK Electronics

  MLF1608DR27KT Datasheet HTML 1Page - TDK Electronics MLF1608DR27KT Datasheet HTML 2Page - TDK Electronics MLF1608DR27KT Datasheet HTML 3Page - TDK Electronics MLF1608DR27KT Datasheet HTML 4Page - TDK Electronics MLF1608DR27KT Datasheet HTML 5Page - TDK Electronics MLF1608DR27KT Datasheet HTML 6Page - TDK Electronics MLF1608DR27KT Datasheet HTML 7Page - TDK Electronics MLF1608DR27KT Datasheet HTML 8Page - TDK Electronics MLF1608DR27KT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
(2/22)
INDUC
T
O
RS
001-01 / 20130516 / e511_mlf.fm
• All specifications are subject to change without notice.
Inductors for Standard Circuits
Multilayer Ferrite
FEATURES
The lineup includes a wide inductance range.
Highly reliable monolithic structure with multilayer integration.
APPLICATION
Smart phones, tablet terminals, tuners, LCD-TVs, PDP-TVs, audio equipment, computers, signal processing for modules, etc.
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of the MLF Series
MLF
1005
L
R10
K
T
□□□
Series name
L×W×H Dimensions
characteristics
Inductance
Inductance
tolerance
Packaging style
Internal code
(mm)
(µH)
1005
1.0×0.5×0.5
A
10N
0.010
(10nH)
K
±10%
T
Taping
1608
1.6×0.8×0.8
C
M
±20%
2012
2.0×1.25×0.85
D
R10
0.1
2.0×1.25×1.25
E
1R0
1
G
100
10
K
L
V
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
MLF1005V.1005G
–55 to +125
–55 to +125
10,000
1.2
MLF1005L
–40 to +85
–40 to +85
10,000
1.2
MLF1608
–40 to +85
–40 to +85
4,000
4
MLF2012
t=0.85
–40 to +85
–40 to +85
4,000
10
t=1.25
2,000
14
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - MLF1608DR27KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608DR27KT TDK-MLF1608DR27KT Datasheet
123Kb / 10P
   Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
MLF1608DR27KTA00 TDK-MLF1608DR27KTA00 Datasheet
145Kb / 3P
   Inductors (Coils)
MLF1608DR27KTD25 TDK-MLF1608DR27KTD25 Datasheet
205Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLF1608DR27KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608E120J TDK-MLF1608E120J Datasheet
335Kb / 24P
   Inductors for Standard Circuits Multilayer Ferrite
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-1R8J-PF TDK-NLV25T-1R8J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-010J-PF TDK-NLV25T-010J-PF_15 Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-100J-PF TDK-NL453232T-100J-PF_15 Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV32T-022J-PFD TDK-NLV32T-022J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-047J-PF TDK-NLV25T-047J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232 TDK-NL453232 Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com