Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMZ0603S100C Datasheet(PDF) 8 Page - TDK Electronics

Part # MMZ0603S100C
Description  Chip Beads For signal line MMZ series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ0603S100C Datasheet(HTML) 8 Page - TDK Electronics

Back Button MMZ0603S100C Datasheet HTML 4Page - TDK Electronics MMZ0603S100C Datasheet HTML 5Page - TDK Electronics MMZ0603S100C Datasheet HTML 6Page - TDK Electronics MMZ0603S100C Datasheet HTML 7Page - TDK Electronics MMZ0603S100C Datasheet HTML 8Page - TDK Electronics MMZ0603S100C Datasheet HTML 9Page - TDK Electronics MMZ0603S100C Datasheet HTML 10Page - TDK Electronics MMZ0603S100C Datasheet HTML 11Page - TDK Electronics MMZ0603S100C Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
• All specifications are subject to change without notice.
(7/28)
002-01 / 20130301 / e9412_mmz
Chip Beads
For Signal Line
MMZ Series MMZ1005
FEATURES
• Size standardized for use by automatic assembly equipment.
No preferred orientation.
• Electroplated terminal electrodes accommodate reflow
soldering.
• High reliability due to an entirely monolithic structure.
• Closed magnetic circuit structure allows high-density installation
while preventing crosstalk between circuits.
• Low DC resistance structure of electrode prevents wasteful
electric power consumption.
• It is a product conforming to RoHS directive.
APPLICATIONS
Removal of signal line noises of cellular phones, PCs, note PCs,
TVs, TV tuners, STBs, audio players, DVDs, DSCs, DVCs, game
machines, digital photo frames, car navigation system, PNDs, etc.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Type name
(4) Impedance
121:120
 at 100MHz
(5) Characteristic type
(6) Packaging style
T:Taping
(7) TDK internal code
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
MATERIAL CHARACTERISTICS
B material: This type is perfectly suited for fast digital signals. By
equalizing R components and X components that
beads possess at a frequency of 5MHz, it is able to
suppress overshooting, undershooting and ringing of
fast digital signals.
S material: Standard type that features impedance characteristics
similar to those of a typical ferrite core.
For signal line applications in which the blocking region
is near 100MHz. Impedance values selected for effec-
tiveness at 40 to 300MHz.
Y material: High frequency range type intended for the 100MHz
region and above.
For signal line applications in which the signal fre-
quency is far from the cutoff frequency. Impedance val-
ues selected for effectiveness at 80 to 400MHz.
D material: For applications calling for low insertion loss at low fre-
quencies and sharply increasing impedance at high
frequencies. Designed for high impedance at high fre-
quencies (300MHz to 1GHz) for signal line applica-
tions.
F material: This new product inherits the characteristic of our D-
material, namely its sharp impedance rise time, and its
impedance peak frequency has been shifted higher
into range. The product offers excellent noise suppres-
sion from 600MHz to as high as in the GHz range.
TYPICAL MATERIAL CHARACTERISTICS
Conformity to RoHS Directive
MMZ 1005
S 121 C
T
(1)
(2)
(3) (4) (5) (6)
(7)
B
S
D
Y
0
200
400
600
800
1000
1200
1400
1600
1800
2000
10
100
1000
Frequency(MHz)
F
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - MMZ0603S100C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ0603S100C TDK-MMZ0603S100C Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ0603S100CT000 TDK-MMZ0603S100CT000 Datasheet
152Kb / 3P
   Chip Beads
MMZ0603S100CTD25 TDK-MMZ0603S100CTD25 Datasheet
270Kb / 6P
   Chip beads For general signal line
More results

Similar Description - MMZ0603S100C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com