Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4946 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4946
Description  N Female Bulkhead Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .640 inch DD Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4946 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4946 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4946 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4946 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Bulkhead Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .640 inch DD Hole
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-
SR047FL, .640 inch DD Hole PE4946
URL: http://www.pasternack.com/n-female-standard-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe4946-p.aspx
N Female Bulkhead Precision Connector Solder Attachment For
PE-047SR, PE-SR047AL, PE-SR047FL, .640 inch DD Hole
PE4946
PE4946 REV 01


Similar Part No. - PE4946

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
   N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
PE4941 PASTERNACK-PE4941 Datasheet
266Kb / 2P
   N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4942 PASTERNACK-PE4942 Datasheet
104Kb / 1P
   N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE4943 PASTERNACK-PE4943 Datasheet
116Kb / 1P
   N FEMALE BULKHEAD CLAMP ATTACHMENT FOR BELDEN 9913 & 9914 PE-B405 PE-B400 PE-C400 LMR400
PE4944 PASTERNACK-PE4944 Datasheet
103Kb / 1P
   N FEMALE BULKHEAD CRIMP ATTACHMENT FOR BELDEN 9913 @ 9914 PE-B405 PE-B400 PE-C400 &LMR400
More results

Similar Description - PE4946

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44785 PASTERNACK-PE44785 Datasheet
331Kb / 3P
   SMP Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4581 PASTERNACK-PE4581 Datasheet
232Kb / 3P
   SMA Female Bulkhead Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .235 inch D Hole
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
   SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44429 PASTERNACK-PE44429 Datasheet
297Kb / 2P
   SSMA Female Bulkhead Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .177 inch D Hole
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
   SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44798 PASTERNACK-PE44798 Datasheet
283Kb / 3P
   2.92mm Female Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
   Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
   TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44797 PASTERNACK-PE44797 Datasheet
286Kb / 3P
   2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR047FL, PE-SR047AL, PE-047SR
PE44799 PASTERNACK-PE44799 Datasheet
288Kb / 3P
   1.85mm Male Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com