Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608C0G1E103J Datasheet(PDF) 3 Page - TDK Electronics

Part # C1608C0G1E103J
Description  C Series Commercial Grade High Voltage (1000V and over)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608C0G1E103J Datasheet(HTML) 3 Page - TDK Electronics

  C1608C0G1E103J_1 Datasheet HTML 1Page - TDK Electronics C1608C0G1E103J_1 Datasheet HTML 2Page - TDK Electronics C1608C0G1E103J_1 Datasheet HTML 3Page - TDK Electronics C1608C0G1E103J_1 Datasheet HTML 4Page - TDK Electronics C1608C0G1E103J_1 Datasheet HTML 5Page - TDK Electronics C1608C0G1E103J_1 Datasheet HTML 6Page - TDK Electronics C1608C0G1E103J_1 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
• All specifications are subject to change without notice.
Type: C3216 [EIA CC1206], C3225 [EIA CC1210], C4520 [EIA CC1808],
C4532 [EIA CC1812], C5750 [EIA CC2220]
Features
Applications
L Body Length
W Body Width
T Body Height
B Terminal Width
G Terminal Spacing
Shape &
Dimensions
Cautions
• Inverter circuits with a liquid crystal backlight
• LAN card
• General high voltage circuits
• Noise bypass for power supply
• Transceiver for LAN
• Hub, etc.
Series Name
Dimensions L x W (mm)
Temperature Characteristics
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Nominal Thickness
Code
Length
Width
Terminal
C3216
3.20 ± 0.20 1.60 ± 0.20 0.20 min.
C3225
3.20 ± 0.40 2.50 ± 0.30 0.20 min.
C4520
4.50 ± 0.40 2.00 ± 0.30 0.20 min.
C4532
4.50 ± 0.40 3.20 ± 0.40 0.20 min.
C5750
5.70 ± 0.40 5.00 ± 0.40 0.20 min.
Code
Tolerance
F
± 1pF
K
± 10%
M
± 20%
Code
Style
A
178” Reel, 4mm Pitch
K
178” Reel, 8mm Pitch
Temperature
Characteristics
Capacitance
Change
Temperature
Range
C0G
0±30 ppm/°C
-55 to +125°C
0±60 ppm/°C
-25 to +85°C
±10%
-25 to +85°C
±15%
-55 to +125°C
±22%
-55 to +125°C
CH
JB
X7R
X7S
Part Number
Construction
C • 5750 • X7S • 3A • 473 • K • 250 • K • A
Code
Thickness
085
0.85 mm
110
1.10 mm
130
1.30 mm
160
1.60 mm
200
2.00 mm
230
2.30 mm
250
2.50 mm
Special Reserved Code
Code
Description
A
TDK Internal Code
Code
Voltage (DC)
3A
1,000V
3D
2,000V
Code
Voltage (DC)
3,000V
3F
C Series
High Voltage (1000V and over)
The capacitance is expressed in three digit codes and in units of
pico Farads (pF). The first and second digits identify the first and
second significant figures of the capacitance. The third digit
identifies the multiplier. R designates a decimal point.
Ex. 0R2 = 0.2pF; 103 = 10,000pF; 105 = 1,000,000pF = 1,000nF
• Advanced design provides improved withstand voltage characteristics.
• TDK’s proprietary internal electrode structure and the use of
low-dielectric-strength material result in highly reliable performance in
high-voltage applications.
• Complies with ISO8802-3 for LAN applications.
• Designed exclusively for reflow soldering (C3216 type also supports
flow soldering).
• AEC-Q200 compliant.
• This product intended solely for reflow soldering.
• A slit of about 1mm on the circuit board is recommended to improve removal of
the flux after soldering.
• Ensure that this product is completely dried following washing.
• Because this product will be subjected to high voltages, use only low-activity
rosin flux (with 0.2% max. of chlorine).
• Using this product with aluminum circuit boards must be considered a special
implementation because the high heat stress levels are involved. In case of
using aluminum circuit boards, please contact TDK.
Page 2
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_highvoltage_en


Similar Part No. - C1608C0G1E103J_1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
1Mb / 11P
   CGJ Series High Reliability Grade General (Up to 50V)
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
1Mb / 8P
   CKC Series Commercial Grade 4 in 1 Array
More results

Similar Description - C1608C0G1E103J_1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520C0G3F680K200KA TDK-C4520C0G3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F150K110KA TDK-C4520CH3F150K110KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F330K160KA TDK-C4520CH3F330K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F680K200KA TDK-C4520CH3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520X7R3A471M130KA TDK-C4520X7R3A471M130KA_16 Datasheet
138Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F151K160KA TDK-C4532C0G3F151K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F271K230KA TDK-C4532C0G3F271K230KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F331K250KA TDK-C4532C0G3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F181K160KA TDK-C4532CH3F181K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F331K250KA TDK-C4532CH3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com